Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U19 Datasheet(PDF) 11 Page - C&K Components

Part # U19
Description  Miniature Rocker Lever Handle Switches
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U19 Datasheet(HTML) 11 Page - C&K Components

Back Button U19 Datasheet HTML 7Page - C&K Components U19 Datasheet HTML 8Page - C&K Components U19 Datasheet HTML 9Page - C&K Components U19 Datasheet HTML 10Page - C&K Components U19 Datasheet HTML 11Page - C&K Components U19 Datasheet HTML 12Page - C&K Components U19 Datasheet HTML 13Page - C&K Components U19 Datasheet HTML 14Page - C&K Components U19 Datasheet HTML 15Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
7000 Series
Miniature Rocker & Lever Handle Switches
TERMINATIONS
PC MOUNTING
Actuator Shown In Pos. 1
SECTION A-A
Actuator Shown In Pos. 1
SECTION A-A
.14
(3,6)
PC MOUNTING
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
AW3
RIGHT ANGLE, EXTENDED,
PC THRU-HOLE
A
RIGHT ANGLE, PC THRU-HOLE
Not available with I seal option. Available actuators, see pages G-7 and G-13.
Terminal bend radii and lead-in manufacturing option.
NOTE: PC pattern must clear switch support leg.
Not available with I seal option. Available actuators, see pages G-7 and G-13.
Terminal bend radii and lead-in manufacturing option.
7101J1ABE2
Horizontal Actuation
SPDT
7201J1ABE2
Horizontal Actuation
DPDT
G–14
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Similar Part No. - U19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U19 ETC2-U19 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U19 ETC2-U19 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Belden Inc.
U19142 BELDEN-U19142 Datasheet
146Kb / 2P
   TC-ER XLPE/LSZH, 19 C #14 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
01-10-2024
logo
List of Unclassifed Man...
U1916 ETC2-U1916 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U1916 ETC2-U1916 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

Similar Description - U19

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1ZQE CK-COMPONENTS-7201J1ZQE Datasheet
1Mb / 22P
   7000 Series Miniature Rocker Lever Handle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com