Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4161 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part No. AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4161 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
[AK4161]
MS1450-E-02-PB
2014/05
- 4 -
PIN/FUNCTION
Pin No.
Pin Name
Type
(Note 1)
I/O
(Note 2)
Function
Reset State
RSTN = “L”
1
RSTN
D
I
Reset Pin (Active Low)
-
2
SCL
D
I
I
2C Serial Clock Input
-
3
SDA
D
I/O
I
2C Serial Data Input/ Output
Hi-z
4
AD0
D
I
I
2C Slave Address Bit 0
-
6
VSS
GND
-
Ground
-
8
CS0 / GPIO0
A/D
I/O
Cap Sense / GPIO Pin0
Hi-z
9
CS1 / GPIO1
A/D
I/O
Cap Sense / GPIO Pin1
Hi-z
10
CS2 / GPIO2
A/D
I/O
Cap Sense / GPIO Pin2
Hi-z
11
CS3 / GPIO3
A/D
I/O
Cap Sense / GPIO Pin3
Hi-z
12
CS4 / GPIO4
A/D
I/O
Cap Sense / GPIO Pin4 with IRQN
Hi-z
13
CS5 / GPIO5
A/D
I/O
Cap Sense / GPIO Pin5 with IRQN
Hi-z
15
VDD
PWR
-
Power Supply : 1.6V ~ 3.6V
-
5
7
14
16
NC
-
-
No Connection
No internal bonding. This pin must be
connected to VSS.
-
Note 1. A (Analog terminal), D (Digital terminal), GND (Ground), PWR (Power)
Note 2. I (Input terminal), O (Output terminal)
Note 3. All digital input pins (SCL, SDA, AD0, RSTN) must not be allowed to float.
Handling of Unused Pins
The unused I/O pins must be connected appropriately.
Classification
Pin Name
Setting
Analog/Digital
CS0 / GPIO0 ~ CS5/ GPIO5
Pin Connection: Connect to VSS.
Register Setting: FUNC (Addr: 0x1F-0x20) = “00”


Similar Part No. - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
Microchip Technology
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
SMSC Corporation
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
Microchip Technology
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
SMSC Corporation
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
Microchip Technology
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com