Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4161 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part No. AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
[AK4161]
MS1450-E-02-PB
2014/05
- 8 -
SWITCHING CHARACTERISTICS
(Ta = -40C ~ 85C, VDD = 1.6V ~ 3.6V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Internal Oscillator
Fast Oscillator Period
FPRD
75
125
175
ns
Slow Oscillator Period
SPRD
21
32
43
us
Reset Timing
Reset Pulse Width (Note 15)
tRW
10
-
-
us
Reset Pin Pulse Width of Spike Noise
Suppressed by Input Filter (Note 16)
tRS
0.5
-
-
us
I2C
SCL clock frequency
fSCL
-
-
400
kHz
Bus Free Time Between Transmissions
tBUF
1.3
-
-
us
Start Condition Hold Time (prior to first Clock pulse)
tHD:STA
0.6
-
-
us
Clock Low Time
tLOW
1.3
-
-
us
Clock High Time
tHIGH
0.6
-
-
us
Setup Time for Repeated Start Condition
tSU:STA
0.6
-
-
us
SDA Hold Time from SCL Falling (Note 17)
tHD:DAT
0
-
-
us
SDA Setup Time from SCL Rising
tSU:DAT
0.1
-
-
us
Rise Time of Both SDA and SCL Lines
tR
-
-
0.3
us
Fall Time of Both SDA and SCL Lines
tF
-
-
0.3
us
Setup Time for Stop Condition
tSU:STO
0.6
-
-
us
Pulse Width of Spike Noise Suppressed By Input Filter
tSP
50
-
-
ns
Capacitive load on bus
Cb
-
-
400
pF
Note 15. The AK4161 can be reset by the RSTN pin = “L”. Keep “L” period for 10us or more for a certain reset.
Note 16. Pulse width of spike noise suppressed by input filter of the RSTN pin.
Note 17. Data must be held for sufficient time to bridge the 300ns transition time of SCL.
RSTN
tRW
tRS
50%VDD
Figure 2. Reset Timing Diagram
tHIGH
SCL
SDA
VIH
tLOW
tBUF
tHD:STA
tR
tF
tHD:DAT
tSU:DAT
tSU:STA
Stop
Start
Start
Stop
tSU:STO
VIL
VIH
VIL
tSP
Figure 3. I
2C Interface Timing Diagram


Similar Part No. - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
Microchip Technology
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
SMSC Corporation
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
Microchip Technology
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
SMSC Corporation
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
Microchip Technology
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz