Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4161 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part No. AK4161
Description  6-channel Capacitive Touch Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4161 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4161 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4161 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
[AK4161]
MS1450-E-02-PB
2014/05
- 1 -
GENERAL DESCRIPTION
The AK4161 is a low operating voltage and low power consumption 6-channel capacitive touch sensor.
Maximum 6 input channels can be configured to LED drive or GPIO. 2 channels out of 6-channel can also
be configured to interrupt output. The AK4161 has a channel independent automatic correct function of
environmental drifts for each sense input. It reduces false detection by continuous calibration of the
internal reference value in the situation when the input capacitance of the touch switch is changed by the
external factors such as hydrothermal conditions. The automatic initial setting function sets the charge
current and charge time according to the size and the shape of a touch switch. Even more, a noise filter
and a false protection filter are integrated. The AK4161 can be configured via serial interfaces, it is
suitable for mobile phones, PCs and home electric applications.
FEATURE
Up to 6 capacitive sensor inputs
Up to 6 general purpose inputs/outputs with PWM control for LED
Selectable 2 interrupt outputs
Automatic initial setting function for the charge current and time
Independent automatic environmental drifts correct function for each sense
terminal
Independent threshold configuration for each sense terminal
Selectable multi touch feature
Integrated Median Averaging Filter
Data Update Stop Function for Noisy Environment
Reset Input pin
I
2C Serial Interface
10 bit SAR A/D Converter with S/H circuit
Integrated Regulator
Low Power Consumption:
Typ. 4.1uA (Sampling rate=512ms, 6ch Sensor input, VDD=3.3V, N1S=20)
Typ. 177uA (Sampling rate=1ms, 6ch Sensor input, VDD=3.3V, N1S=6)
Power Down Current: Typ. 1.2uA
Low Power Operation: VDD = 1.6V ~ 3.6V
Operating Temperature: Ta = -40 ~ 85
C
Package: 16pin QFN (3mm x 3mm, pitch 0.5mm)
I
2C-bus is a trademark of NXP B.V.
AK4161
6-channel Capacitive Touch Sensor IC


Similar Part No. - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
More results

Similar Description - AK4161

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
Microchip Technology
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
SMSC Corporation
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
Microchip Technology
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1296 MICROCHIP-CAP1296 Datasheet
834Kb / 68P
   6-Channel Capacitive Touch Sensor with Proximity
07/14/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
SMSC Corporation
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
Microchip Technology
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz