Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A226AEYFFR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A226AEYFFR
Description  Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A226AEYFFR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3A226AEYFFR Datasheet HTML 4Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 5Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 6Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 7Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 8Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 9Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 10Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 11Page - Texas Instruments TS3A226AEYFFR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
D: Max =
E: Max =
1.386 mm, Min =
1.286 mm, Min =
1.326 mm
1.226 mm


Similar Part No. - TS3A226AEYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A226AEYFFR TI-TS3A226AEYFFR Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
More results

Similar Description - TS3A226AEYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A226AE TI-TS3A226AE Datasheet
733Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch RON and FM Capability
TS3A226E TI1-TS3A226E Datasheet
284Kb / 11P
[Old version datasheet]   Autonomous Audio Headset Switch with Reduced GND Switch
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E_17 Datasheet
1Mb / 37P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A225E TI1-TS3A225E Datasheet
552Kb / 10P
[Old version datasheet]   AUTONOMOUS AUDIO HEADSET SWITCH
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Vishay Siliconix
DG2612 VISHAY-DG2612_08 Datasheet
155Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. C, 29-Dec-08
DG2612 VISHAY-DG2612 Datasheet
162Kb / 7P
   Low-Voltage, Low rON, SPDT Audio Switch with Negative Swing Capability
Rev. A, 28-Aug-06
DG2612 VISHAY-DG2612_V01 Datasheet
203Kb / 8P
   Low-Voltage, Low RON, SPDT Audio Switch with Negative Swing Capability
02-Oct-12
logo
ON Semiconductor
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
   Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com