Electronic Components Datasheet Search |
|
FM105 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
FM105 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
2 / 2 page 0.1 1.0 .01 10 50 Rating and characteristic curves (FM101 THRU FM107) FIG.1-TYPICAL FORWARD CHARACTERISTICS FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE FIG.5-TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE,(V) FORWARD VOLTAGE,(V) Pulse Width 300us 1% Duty Cycle 0.2 0.4 0.6 0.8 1.0 1.2 35 30 25 20 15 10 5 0 (+) (+) 25Vdc (approx.) ( ) ( ) PULSE GENERATOR (NOTE 2) OSCILLISCOPE (NOTE 1) 1 NON- INDUCTIVE W NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms. +0.5A 0 -0.25A -1.0A | | | | | | | | 1cm SET TIME BASE FOR 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 D.U.T. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 AMBIENT TEMPERATURE ( C) FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 10 NONINDUCTIVE 50 NONINDUCTIVE W W T =25 C J FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 10 0 20 30 40 50 NUMBER OF CYCLES AT 60Hz 1 10 5 50 100 T =25 C J 8.3ms Single Half Sine Wave JEDEC method Single Phase Half Wave 60Hz Resistive Or Inductive Load 0 20 40 60 80 100 120 140 160 180 200 0 FM101 - FM107 1.0A Surface Mount Fast Recovery Rectifiers |
Similar Part No. - FM105 |
|
Similar Description - FM105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |