Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV3011-EP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011-EP Datasheet(HTML) 1 Page - Texas Instruments

  TLV3011-EP_14 Datasheet HTML 1Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 2Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 3Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 4Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 5Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 6Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 7Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 8Page - Texas Instruments TLV3011-EP_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
6
5
4
V+
REF
IN
-
OUT
V
IN+
DBVPACKAGE
(TOPVIEW)
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Battery-Powered Level Detection
Controlled Baseline
Data Acquisition
– One Assembly/Test Site
System Monitoring
– One Fabrication Site
Oscillators
Extended Temperature Performance of
Sensor Systems
–55
°C to 125°C
– Smoke Detectors
Enhanced Diminishing Manufacturing
– Light Sensors
Sources (DMS) Support
– Alarms
Enhanced Product-Change Notification
Qualification Pedigree(1)
Low Quiescent Current = 5
µA (Max)
The
TLV3011
and
TLV3012
are
low-power,
Integrated Voltage Reference = 1.242 V
open-drain output comparators. The devices feature
Input Common-Mode Range = 200 mV
an uncommitted on-chip voltage reference, have
Beyond Rails
5-
µA (max) quiescent current, input common-mode
range
200
mV
beyond
the
supply
rails,
and
Voltage Reference Initial Accuracy = 1%
single-supply operation from 1.8 V to 5.5 V. The
Open-Drain Logic Compatible Output
integrated 1.242-V series voltage reference offers
(TLV3011)
low 100-ppm/
°C (max) drift, is stable with up to
Push-Pull Output (TLV3012)
10-nF capacitive load, and can provide up to
0.5 mA (typ) of output current.
Low Supply Voltage = 1.8 V to 5.5 V
Fast Response Time = 6-
µs Propagation
The TLV3011 and TLV3012 are available in the tiny
SOT23-6 package for space-conservative designs.
Delay With 100-mV Overdrive
The devices are specified for the temperature range
(TLV3011: RPULLUP = 10 kΩ)
of –55
°C to 125°C.
Microsize Package: SOT23-6
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV3011-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI-TLV3011-EP_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results

Similar Description - TLV3011-EP_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com