Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19427-0012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19427-0012
Description  5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 12 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

19427-0012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19427-0012 Datasheet HTML 1Page - Molex Electronics Ltd. 19427-0012 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
19427-0012
Status:
Active
Overview:
MX150L™ Industrial Sealed Connector System
Description:
5.84mm Pitch MX150L™ Right Angle PCB Header, Dual Row, without PCB Flange, 12
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
Product Specification PS-19427-001 (PDF)
Agency Certification
UL
E152602
General
Product Family
PCB Headers
Series
19427
Application
Power, Wire-to-Board
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
Overview
MX150L™ Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L™
UPC
822348740437
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
28.486/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
3.30mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19427Series
Mates With
19418 Receptacle Assemblies


Similar Part No. - 19427-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19427-0017 MOLEX11-19427-0017 Datasheet
53Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 8 Circuits
19427-0018 MOLEX11-19427-0018 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 6 Circuits
More results

Similar Description - 19427-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19427-0018 MOLEX11-19427-0018 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 6 Circuits
19427-0032 MOLEX11-19427-0032 Datasheet
55Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 4 Circuits
19427-0017 MOLEX11-19427-0017 Datasheet
53Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 8 Circuits
19427-0049 MOLEX11-19427-0049 Datasheet
49Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 16 Circuits
19427-0031 MOLEX11-19427-0031 Datasheet
53Kb / 2P
   5.84mm Pitch MX150L??Right Angle PCB Header, Dual Row, without PCB Flange, 10 Circuits
0194270049 MOLEX1-0194270049_18 Datasheet
42Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 16Circuits
0194270018 MOLEX1-0194270018_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 6Circuits
0194270012 MOLEX1-0194270012_18 Datasheet
43Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 12Circuits
0194270031 MOLEX1-0194270031_18 Datasheet
46Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 10Circuits
0194270032 MOLEX1-0194270032_18 Datasheet
48Kb / 2P
   5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 4Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com