Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1543QDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1543QDBR
Description   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDBR Datasheet(HTML) 1 Page - Texas Instruments

  TLC1543QDBR Datasheet HTML 1Page - Texas Instruments TLC1543QDBR Datasheet HTML 2Page - Texas Instruments TLC1543QDBR Datasheet HTML 3Page - Texas Instruments TLC1543QDBR Datasheet HTML 4Page - Texas Instruments TLC1543QDBR Datasheet HTML 5Page - Texas Instruments TLC1543QDBR Datasheet HTML 6Page - Texas Instruments TLC1543QDBR Datasheet HTML 7Page - Texas Instruments TLC1543QDBR Datasheet HTML 8Page - Texas Instruments TLC1543QDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
EOC
I/O CLOCK
ADDRESS
DATA OUT
CS
REF +
REF −
A10
A9
DB, DW, J, OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O CLOCK
ADDRESS
DATA OUT
CS
REF +
A3
A4
A5
A6
A7
FK OR FN PACKAGE
(TOP VIEW)
TLC1542I,, TLC1542M,, TLC1542Q
TLC1542C, TLC1543C, TLC1543I, TLC1543Q
SLAS052G – MARCH 1992 – REVISED JANUARY 2006
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
• 10-Bit Resolution A/D Converter
• 11 Analog Input Channels
• Three Built-In Self-Test Modes
• Inherent Sample-and-Hold Function
• Total Unadjusted Error: ±1LSB Max
• On-Chip System Clock
• End-of-Conversion (EOC) Output
• Terminal Compatible With TLC542
• CMOS Technology
The TLC1542C, TLC1542I, TLC1542M, TLC1542Q,
TLC1543C, TLC1543I, and TLC1543Q are CMOS
10-bit switched-capacitor successive-approximation
analog-to-digital converters. These devices have
three inputs and a 3-state output [chip select (CS),
input-output
clock
(I/O
CLOCK),
address
input
(ADDRESS), and data output (DATA OUT)] that
provide a direct 4-wire interface to the serial port of a
host processor. These devices allow high-speed data
transfers from the host.
In addition to a high-speed A/D converter and
versatile control capability, these devices have an
on-chip 14-channel multiplexer that can select any
one of 11 analog inputs or any one of three internal
self-test voltages. The sample-and-hold function is
automatic. At the end of A/D conversion, the
end-of-conversion
(EOC)
output
goes
high
to
indicate that conversion is complete. The converter
incorporated in the devices features differential
high-impedance
reference
inputs
that
facilitate
ratiometric conversion, scaling, and isolation of
analog circuitry from logic and supply noise. A
switched-capacitor
design
allows
low-error
conversion
over
the
full
operating
free-air
temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1992–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC1543QDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDBR TI1-TLC1543QDBR Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDBRG4 TI1-TLC1543QDBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC1543QDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com