Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1408MPHPEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS1408MPHPEP
Description  14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1408MPHPEP Datasheet(HTML) 4 Page - Texas Instruments

  THS1408MPHPEP Datasheet HTML 1Page - Texas Instruments THS1408MPHPEP Datasheet HTML 2Page - Texas Instruments THS1408MPHPEP Datasheet HTML 3Page - Texas Instruments THS1408MPHPEP Datasheet HTML 4Page - Texas Instruments THS1408MPHPEP Datasheet HTML 5Page - Texas Instruments THS1408MPHPEP Datasheet HTML 6Page - Texas Instruments THS1408MPHPEP Datasheet HTML 7Page - Texas Instruments THS1408MPHPEP Datasheet HTML 8Page - Texas Instruments THS1408MPHPEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
THS1408-EP
14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER
WITH INTERNAL REFERENCE AND PGA
SGLS129B − JULY 2002 − REVISED FEBRUARY 2010
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, (AVDD to AGND)
4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage, (DVDD to DGND)
4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VBG
− 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
− 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
− 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: Q suffix
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M suffix
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
TYP
UNIT
Thermal resistance, junction-to-ambient,
ΘJA
28.8
°C/W
Thermal resistance, junction-to-case,
ΘJC
0.79
°C/W
Thermal resistance is modeled data, is not production tested, and is given for informational purposes only.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD, DVDD
3
3.3
3.6
V
High level digital input, VIH
2
3.3
V
Low level digital input, VIL
0
0.8
V
Load capacitance, CL
5
15
pF
Clock frequency, fCLK
0.1
8
8
MHz
Clock duty cycle
45%
50%
55%
Operating free air temperature
Q suffix
−40
25
125
°C
Operating free-air temperature
M suffix
−55
25
125
°C


Similar Part No. - THS1408MPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1408MPHPEP TI-THS1408MPHPEP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
More results

Similar Description - THS1408MPHPEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1401 TI-THS1401_07 Datasheet
585Kb / 26P
[Old version datasheet]   14-Bit, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401-EP TI-THS1401-EP Datasheet
646Kb / 27P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS1401 TI-THS1401 Datasheet
312Kb / 22P
[Old version datasheet]   14-BIT, 1/3/8 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE AND PGA
THS14F01 TI-THS14F01 Datasheet
317Kb / 23P
[Old version datasheet]   14-BIT, 1 MSPS/ 3 MSPS, DSP COMPATIBLE, ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA
THS1401 TI1-THS1401_15 Datasheet
577Kb / 28P
[Old version datasheet]   14-BIT, 1/3/8 MSPS, DSP-COMPATIBLE ANALOG-TO-DIGITAL
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com