Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7211AIM5 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7211AIM5
Description  LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7211AIM5 Datasheet(HTML) 3 Page - Texas Instruments

  LMC7211AIM5 Datasheet HTML 1Page - Texas Instruments LMC7211AIM5 Datasheet HTML 2Page - Texas Instruments LMC7211AIM5 Datasheet HTML 3Page - Texas Instruments LMC7211AIM5 Datasheet HTML 4Page - Texas Instruments LMC7211AIM5 Datasheet HTML 5Page - Texas Instruments LMC7211AIM5 Datasheet HTML 6Page - Texas Instruments LMC7211AIM5 Datasheet HTML 7Page - Texas Instruments LMC7211AIM5 Datasheet HTML 8Page - Texas Instruments LMC7211AIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LMC7211-N
www.ti.com
SNOS746F – MAY 2004 – REVISED JANUARY 2013
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V+/2. Boldface limits apply at
the temperature extremes.
Symbol
Parameter
Conditions
LMC7211AI
LMC7211BI
Units
Typ (1)
Limit(2)
Limit(2)
CMVR
Input Common-Mode Voltage
CMRR > 55 dB
3.0
2.9
2.9
V
Range
2.7
2.7
min
CMRR > 55 dB
−0.3
−0.2
−0.2
V
0.0
0.0
max
VOH
Output Voltage High
Iload = 2.5 mA
2.5
2.4
2.4
V
2.3
2.3
min
VOL
Output Voltage Low
Iload = 2.5 mA
0.2
0.3
0.3
V
0.4
0.4
max
IS
Supply Current
VOUT = Low
7
12
12
μA
14
14
max
5.0V and 15.0V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = 5.0V and 15V, V= 0V, V
CM = VO = V
+/2. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7211AI
LMC7211BI
Units
Typ (1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
mV
8
18
max
TCVOS
Input Offset Voltage
V+ = 5V
1.0
μV/°C
Temperature Drift
V+ = 15V
4.0
Input Offset Voltage Average
V+ = 5V
3.3
μV/Month
Drift
V+ = 15V
4.0
IB
Input Current
0.04
pA
IOS
Input Offset Current
0.02
pA
CMRR
Common Mode
V+ = 5.0V
75
dB
Rejection Ration
V+ = 15.0V
82
dB
PSRR
Power Supply
5V
≤ V+ ≤ 10V
80
dB
Rejection Ratio
AV
Voltage Gain
100
dB
CMVR
Input Common-Mode
V+ = 5.0V
5.3
5.2
5.2
V
Voltage Range
CMRR > 55 dB
5.0
5.0
min
V+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
V+ = 15.0V
15.3
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
min
V+ = 15.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
VOH
Output Voltage High
V+ = 5V
4.8
4.6
4.6
V
Iload = 5 mA
4.45
4.45
min
V+ = 15V
14.8
14.6
14.6
V
Iload = 5 mA
14.45
14.45
min
VOL
Output Voltage Low
V+ = 5V
0.2
0.40
0.40
V
Iload = 5 mA
0.55
0.55
max
V+ = 15V
0.2
0.40
0.40
V
Iload = 5 mA
0.55
0.55
max
IS
Supply Current
VOUT = Low
7
14
14
μA
18
18
max
(1)
Typical values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7211-N


Similar Part No. - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7211AIM5 NSC-LMC7211AIM5 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5 TI1-LMC7211AIM5 Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5/NOPB TI1-LMC7211AIM5/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results

Similar Description - LMC7211AIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com