Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4066ADBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4066ADBR
Description  QUADRUPLE BILATERAL ANALOG SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4066ADBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV4066ADBR Datasheet HTML 6Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 7Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 8Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 9Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 10Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 11Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 12Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 13Page - Texas Instruments SN74LV4066ADBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SN54LV4066A, SN74LV4066A
QUADRUPLE BILATERAL ANALOG SWITCHES
SCLS427I − APRIL 1999 − REVISED APRIL 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VO
VCC
50
Ω
fin
VCC
0.1
μF
VI
VCC
GND
(ON)
RL = 600 Ω
CL = 50 pF
VCC/2
Figure 6. Frequency Response (Switch On)
VO1
RL = 600 Ω
CL = 50 pF
VCC
50
Ω
fin
VCC/2
VC = VCC
0.1
μF
VI
VI
VO2
VCC
600
Ω
VCC/2
VC = GND
600
Ω
VCC
GND
(ON)
VCC
GND
(OFF)
RL = 600 Ω
CL = 50 pF
Figure 7. Crosstalk Between Any Two Switches
VO
VCC
VCC
GND
RL = 600 Ω
CL = 50 pF
VCC/2
VCC/2
50
Ω
VC
600
Ω
Figure 8. Crosstalk (Control Input − Switch Output)


Similar Part No. - SN74LV4066ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBR TI-SN74LV4066ADBR Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN74LV4066ADBRG4 TI-SN74LV4066ADBRG4 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
More results

Similar Description - SN74LV4066ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4066B PHILIPS-HEF4066B Datasheet
88Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com