Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-C3V3 Datasheet(PDF) 2 Page - General Semiconductor

Part # BZX55-C3V3
Description  ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX55-C3V3 Datasheet(HTML) 2 Page - General Semiconductor

  BZX55-C3V3 Datasheet HTML 1Page - General Semiconductor BZX55-C3V3 Datasheet HTML 2Page - General Semiconductor BZX55-C3V3 Datasheet HTML 3Page - General Semiconductor BZX55-C3V3 Datasheet HTML 4Page - General Semiconductor BZX55-C3V3 Datasheet HTML 5Page - General Semiconductor BZX55-C3V3 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZX55 – C0V8(3)
0.73 … 0.83
< 8
< 600
– 0.25
BZX55 – C2V7
2.5 … 2.9
< 85
< 600
– 0.08
– 0.06
< 10000
< 50
1
135
BZX55 – C3V0
2.8 … 3.2
< 85
< 600
– 0.08
– 0.06
< 4000
< 40
1
125
BZX55 – C3V3
3.1 … 3.5
< 85
< 600
– 0.08
– 0.05
< 2000
< 40
1
115
BZX55 – C3V6
3.4 … 3.9
< 85
< 600
– 0.08
– 0.04
< 2000
< 40
1
105
BZX55 – C3V9
3.7 … 4.1
< 85
< 600
– 0.07
– 0.03
< 2000
< 40
1
95
BZX55 – C4V3
4.0 … 4.6
< 75
< 600
– 0.04
– 0.01
< 1000
< 20
1
90
BZX55 – C4V7
4.4 … 5.0
< 60
< 600
– 0.03
+0.01
< 500
< 10
1
85
BZX55 – C5V1
4.8 … 5.4
< 35
< 550
– 0.02
+0.05
< 100
< 2
1
80
BZX55 – C5V6
5.2 … 6.0
< 25
< 450
– 0.01
+0.06
< 100
< 2
1
70
BZX55 – C6V2
5.8 … 6.6
< 10
< 200
0
+0.07
< 100
< 2
2
64
BZX55 – C6V8
6.4 … 7.2
< 8
< 150
+0.01
+0.08
< 100
< 2
3
58
BZX55 – C7V5
7.0 … 7.9
< 7
< 50
+0.01
+0.09
< 100
< 2
5
53
BZX55 – C8V2
7.7 … 8.7
< 7
< 50
+0.01
+0.09
< 100
< 2
6
47
BZX55 – C9V1
8.5 … 9.6
< 10
< 50
+0.02
+0.10
< 100
< 2
7
43
BZX55 – C10
9.4 … 10.6
< 15
< 70
+0.03
+0.11
< 100
< 2
7.5
40
BZX55 – C11
10.4 … 11.6
< 20
< 70
+0.03
+0.11
< 100
< 2
8.5
36
BZX55 – C12
11.4 … 12.7
< 20
< 90
+0.03
+0.11
< 100
< 2
9
32
BZX55 – C13
12.4 … 14.1
< 26
< 110
+0.03
+0.11
< 100
< 2
10
29
BZX55 – C15
13.8 … 15.6
< 30
< 110
+0.03
+0.11
< 100
< 2
11
27
BZX55 – C16
15.3 … 17.1
< 40
< 170
+0.03
+0.11
< 100
< 2
12
24
BZX55 – C18
16.8 … 19.1
< 50
< 170
+0.03
+0.11
< 100
< 2
14
21
BZX55 – C20
18.8 … 21.2
< 55
< 220
+0.03
+0.11
< 100
< 2
15
20
BZX55 – C22
20.8 … 23.3
< 55
< 220
+0.03
+0.11
< 100
< 2
17
18
BZX55 – C24
22.8 … 25.6
< 80
< 220
+0.04
+0.12
< 100
< 2
18
16
BZX55 – C27
25.1 … 28.9
< 80
< 220
+0.04
+0.12
< 100
< 2
20
14
BZX55 – C30
28 … 32
< 80
< 220
+0.04
+0.12
< 100
< 2
22
13
BZX55 – C33
31 … 35
< 80
< 220
+0.04
+0.12
< 100
< 2
24
12
BZX55 – C36
34 … 38
< 80
< 220
+0.04
+0.12
< 100
< 2
27
11
BZX55 – C39
37 … 41(4)
< 90(4)
< 500(5)
+0.04
+0.12
< 100
< 5
28
10
BZX55 – C43
40 … 46(4)
< 90(4)
< 600(5)
+0.04
+0.12
< 100
< 5
32
9.2
BZX55 – C47
44 … 50(4)
< 110(4)
< 700(5)
+0.04
+0.12
< 100
< 5
35
8.5
BZX55 – C51
48 … 54(4)
< 125(4)
< 700(5)
+0.04
+0.12
< 100
< 10
38
7.8
BZX55-C56
52.0 … 60.0(4)
< 135(4)
< 1000(5)
typ. +0.1(4)
< 100
< 10
42
7.0
BZX55-C62
58.0 … 66.0(4)
< 150(4)
< 1000(5)
typ. +0.1(4)
< 100
< 10
47
6.4
BZX55-C68
64.0 … 72.0(4)
< 200(4)
< 1000(5)
typ. +0.1(4)
< 100
< 10
51
5.9
BZX55-C75
70.0 … 79.0(4)
< 250(4)
< 1000(5)
typ. +0.1(4)
< 100
< 10
56
5.3
BZX55-C0V8 THRU BZX55-C75
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Zener Voltage
range(1)
at
IZ = 5 mA
VZ V
at
IZ = 5 mA
f = 1 kHz
rzj
Dynamic resistance
Temp. coefficient
of Zener Voltage
at
IZ = 5 mA
αVZ %/K
at
IZ = 1mA
f = 1 kHz
rzj
min
max
IR nA
IR
µA
at
VR V
Admissible
Zener
current(2)
IZM mA
Reverse leakage current
at
Tamb =
150°C
at
Tamb =
25°C
NOTES:
(1) Tested with pulses tp = 5 ms
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
(3) The BZX55–C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be “F” instead of “Z”.
Connect the cathode lead to the negative pole
(4) at IZ = 2.5 mA
(5) at IZ = 0.5 mA


Similar Part No. - BZX55-C3V3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZX55-C3V3 MCC-BZX55-C3V3 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Pan Jit International I...
BZX55-C3V3 PANJIT-BZX55-C3V3 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C3V3 TSC-BZX55-C3V3 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C3V3 GOOD-ARK-BZX55-C3V3 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C3V3 NJSEMI-BZX55-C3V3 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C3V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com