Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0831CCN Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0831CCN
Description  ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0831CCN Datasheet(HTML) 1 Page - Texas Instruments

  ADC0831CCN Datasheet HTML 1Page - Texas Instruments ADC0831CCN Datasheet HTML 2Page - Texas Instruments ADC0831CCN Datasheet HTML 3Page - Texas Instruments ADC0831CCN Datasheet HTML 4Page - Texas Instruments ADC0831CCN Datasheet HTML 5Page - Texas Instruments ADC0831CCN Datasheet HTML 6Page - Texas Instruments ADC0831CCN Datasheet HTML 7Page - Texas Instruments ADC0831CCN Datasheet HTML 8Page - Texas Instruments ADC0831CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
www.ti.com
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with
Multiplexer Options
Check for Samples: ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
1
FEATURES
KEY SPECIFICATIONS
2
TI MICROWIRE Compatible—Direct Interface to
Resolution: 8 Bits
COPS Family Processors
Total Unadjusted Error: ±½ LSB and ±1 LSB
Easy Interface to All Microprocessors, or
Single Supply: 5 VDC
Operates “Stand-Alone”
Low Power: 15 mW
Operates Ratiometrically or with 5 VDC Voltage
Conversion Time: 32
μs
Reference
No Zero or Full-Scale Adjust Required
DESCRIPTION
2-, 4- or 8-Channel Multiplexer Options with
The
ADC0831
series
are
8-bit
successive
Address Logic
approximation A/D converters with a serial I/O and
configurable input multiplexers with up to 8 channels.
Shunt Regulator Allows Operation with High
The serial I/O is configured to comply with the TI
Voltage Supplies
MICROWIRE serial data exchange standard for easy
0V to 5V Input Range with Single 5V Power
interface to the COPS family of processors, and can
Supply
interface with standard shift registers or
μPs.
Remote Operation with Serial Digital Data Link
The 2-, 4- or 8-channel multiplexers are software
TTL/MOS Input/Output Compatible
configured for single-ended or differential inputs as
well as channel assignment.
0.3 in. Standard Width, 8-, 14- or 20-Pin PDIP
Package
The differential analog voltage input allows increasing
20 Pin PLCC Package (ADC0838-N Only)
the common-mode rejection and offsetting the analog
zero input voltage value. In addition, the voltage
SOIC Package
reference input can be adjusted to allow encoding
any smaller analog voltage span to the full 8 bits of
resolution.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC0831CCN

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ADC0831CCN MICRO-LINEAR-ADC0831CCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831CCN NSC-ADC0831CCN Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831CCN TI-ADC0831CCN Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCN TI1-ADC0831CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCN/NOPB TI-ADC0831CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0831CCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com