Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19428-0020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19428-0020
Description  5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 6 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

19428-0020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19428-0020 Datasheet HTML 1Page - Molex Electronics Ltd. 19428-0020 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
19428-0020
Status:
Active
Overview:
MX150L™ Industrial Sealed Connector System
Description:
5.84mm Pitch MX150L™ Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)
Plated, 6 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Product Literature (PDF)
Product Specification PS-19427-001 (PDF)
Agency Certification
UL
E152602
General
Product Family
PCB Headers
Series
19428
Application
Power, Wire-to-Board
Comments
IP67 rated; conforms to UL 1977. NOT suitable for
automotive applications with requirements such as
USCAR-2, USCAR-25, GMW3191, AK Testing, J2030,
Volvo Technology Requirements, and Toyota Connector
Spec (TCS)
Overview
MX150L™ Industrial Sealed Connector System
Product Literature Order No
987650-2181
Product Name
MX150L™
UPC
822348742950
Physical
Breakaway
No
Circuits (Loaded)
6
Circuits (maximum)
6
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Net Weight
18.130/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.30mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
5.84mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19428Series
Mates With
19418 Receptacle Assemblies


Similar Part No. - 19428-0020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19428-0021 MOLEX11-19428-0021 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 8 Circuits
19428-0022 MOLEX11-19428-0022 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 10 Circuits
19428-0023 MOLEX11-19428-0023 Datasheet
47Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 12 Circuits
19428-0024 MOLEX11-19428-0024 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 16 Circuits
19428-0025 MOLEX11-19428-0025 Datasheet
52Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Single Row, Low Profile, Gold (Au) Plated, 2 Circuits
More results

Similar Description - 19428-0020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194280020 MOLEX1-0194280020_18 Datasheet
45Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 6 Circuits
19428-0023 MOLEX11-19428-0023 Datasheet
47Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 12 Circuits
19428-0024 MOLEX11-19428-0024 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 16 Circuits
0194280019 MOLEX1-0194280019_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 4 Circuits
0194280024 MOLEX1-0194280024_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 16 Circuits
19428-0019 MOLEX11-19428-0019 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 4 Circuits
19428-0021 MOLEX11-19428-0021 Datasheet
51Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Standard Profile, Gold (Au) Plated, 8 Circuits
0194280021 MOLEX1-0194280021_18 Datasheet
44Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 8 Circuits
0194280023 MOLEX1-0194280023_18 Datasheet
40Kb / 2P
   5.84mm Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, Gold (Au)Plated, 12 Circuits
19428-0028 MOLEX11-19428-0028 Datasheet
56Kb / 2P
   5.84mm Pitch MX150L??Vertical PCB Header, Dual Row, Low Profile, Gold (Au) Plated, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com