Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMY4A Datasheet(PDF) 2 Page - Rohm

Part # FMY4A
Description  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMY4A Datasheet(HTML) 2 Page - Rohm

  FMY4A Datasheet HTML 1Page - Rohm FMY4A Datasheet HTML 2Page - Rohm FMY4A Datasheet HTML 3Page - Rohm FMY4A Datasheet HTML 4Page - Rohm FMY4A Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FMY4A
Transistors
Rev.A
2/4
Electrical characteristics (Ta=25
°C)
Tr1 (PNP)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
−50
−6
120
−0.1
−0.1
−0.5
560
V
V
µA
µA
V
IC =
−1mA
BVCBO
−60
−−
VIC =
−50µA
IE =
−50µA
VCB =
−60V
VEB =
−6V
IC/IB =
−50mA/−5mA
VCE =
−6V , IC = −1mA
fT
Cob
140
4
5
MHz
pF
VCE =
−12V , IE = 2mA , f = 100MHz
VCB =
−12V , IE = 0A , f = 1MHz
Tr2 (NPN)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
50
7
120
0.1
0.1
0.4
560
V
V
µA
µA
V
IC = 1mA
BVCBO
60
−−
VIC = 50
µA
IE = 50
µA
VCB = 60V
VEB = 7V
IC/IB = 50mA/5mA
VCE = 6V , IC = 1mA
fT
Cob
180
2
3.5
MHz
pF
VCE = 12V , IE =
−2mA , f = 100MHz
VCB = 12V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Transition frequency of the device.
Transition frequency of the device.
Electrical characteristics curves
PNP Tr
Fig.1 Grounded emitter propagation
characteristics
−0.2
−50
−20
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.4 −0.6 −0.8 −1.0 −1.2 −1.4 −1.6
VCE=
−6V
BASE TO EMITTER VOLTAGE : VBE (
V)
Ta=100˚C
25˚C
−40˚C
Fig.2 Grounded emitter output
characteristics (
Ι)
−0.4
−4
−8
−1.2
0
−2
−6
−10
−0.8
−1.6
−2.0
−3.5µA
−7.0
−10.5
−14.0
−17.5
−21.0
−24.5
−28.0
−31.5
IB=0
Ta=25˚C
−35.0
COLLECTOR TO MITTER VOLTAGE : VCE (
V)
Fig.3 Grounded emitter output
characteristics (
ΙΙ)
−40
−80
−5
−3
−4
−2
−1
−20
−60
−100
0
IB=0
Ta=25˚C
COLLECTOR TO EMITTER VOLTAGE : VCE (
V)
−50µA
−100
−150
−200
−250
−500
−450
−400
−350
−300


Similar Part No. - FMY4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMY4A ROHM-FMY4A Datasheet
74Kb / 3P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
94Kb / 5P
   Power management (dual transistors)
FMY4A ROHM-FMY4A Datasheet
34Kb / 1P
   Power Management(Dual Transistors)
FMY4A ROHM-FMY4A Datasheet
61Kb / 2P
   Power management (dual transistors)
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
   Power Management
More results

Similar Description - FMY4A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com