Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7N10LTF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD7N10LTF
Description  N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N10LTF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD7N10LTF Datasheet HTML 1Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 2Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 3Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 4Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 5Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 6Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 7Page - Fairchild Semiconductor FQD7N10LTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
FQD7N10L
N-Channel QFET® MOSFET
100 V, 5.8 A, 350 mΩ
Description
©2000 Fairchild Semiconductor Corporation
FQD7N10L Rev. C1
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, audio amplifier, DC motor control, and
variable switching power applications.
Features
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD7N10LTM
Unit
RJC
Thermal Resistance, Junction to Case, Max.
5.0
oC/W
RJA
Thermal Resistance, Junction to Ambient (Minimum Pad of 2-oz Copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 Pad of 2-oz Copper), Max.
50
D-PAK
G
S
D
G
S
D
• 5.8 A, 100 V, RDS(on) = 350 m (Max.) @ VGS = 10 V,
ID = 2.9 A
• Low Gate Charge (Typ. 4.6 nC)
• Low Crss (Typ. 12 pF)
• 100% Avalanche Tested
Symbol
Parameter
FQD7N10L
TM
Unit
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
5.8
A
- Continuous (TC = 100°C)
3.67
A
IDM
Drain Current
- Pulsed
(Note 1)
23.2
A
VGSS
Gate-Source Voltage
 20
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
50
mJ
IAR
Avalanche Current
(Note 1)
5.8
A
EAR
Repetitive Avalanche Energy
(Note 1)
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
25
W
- Derate above 25°C
0.2
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C


Similar Part No. - FQD7N10LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
logo
Guangdong Youtai Semico...
FQD7N10LTM UMW-FQD7N10LTM Datasheet
1Mb / 6P
   100V N-Channel MOSFET
More results

Similar Description - FQD7N10LTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
   N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
logo
ON Semiconductor
NVD5C464N ONSEMI-NVD5C464N Datasheet
232Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 5.8 m, 59 A
May, 2021-Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com