Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17724222200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F17724222200
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17724222200 Datasheet(HTML) 4 Page - Vishay Siliconix

  F17724222200 Datasheet HTML 1Page - Vishay Siliconix F17724222200 Datasheet HTML 2Page - Vishay Siliconix F17724222200 Datasheet HTML 3Page - Vishay Siliconix F17724222200 Datasheet HTML 4Page - Vishay Siliconix F17724222200 Datasheet HTML 5Page - Vishay Siliconix F17724222200 Datasheet HTML 6Page - Vishay Siliconix F17724222200 Datasheet HTML 7Page - Vishay Siliconix F17724222200 Datasheet HTML 8Page - Vishay Siliconix F17724222200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
F1772 X2
www.vishay.com
Vishay Roederstein
Revision: 15-Apr-14
4
Document Number: 28161
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
• For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139
(1) For further packaging see table “Composition of Catalog Number”.
(2) Further information about packaging quantities with different lead length and/or taped versions, see document “Packing Quantities”
www.vishay.com/doc?27608
(3) Weight for short lead product only
310
dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 20 %
0.15
15
8.5 x 15.0 x 17.5
2.7
325
F17724152260
0.15
22.5
6.0 x 15.5 x 26.0
3.3
260
F17724152200
0.22
15
10.0 x 16.5 x 17.5
4.5
300
F17724222260
0.22
22.5
7.0 x 16.5 x 26.0
4.1
235
F17724222200
0.33
15
13.5 x 22.5 x 18.0
5.5
185
F17724332260
0.33
22.5
8.5 x 18.0 x 26.0
5.3
190
F17724332200
0.47
22.5
10.0 x 19.5 x 26.0
6.7
170
F17724472260
0.47
27.5
9.0 x 19.0 x 31.5
6.8
160
F17724472200
0.68
22.5
12.0 x 22.0 x 26.0
13.4
110
F17724682260
0.68
27.5
11.0 x 21.0 x 31.0
12.9
125
F17724682200
1.0
22.5
15.5 x 26.5 x 26.5
13.5
110
F17725102260
1.0
27.5
15.0 x 25.0 x 31.5
15.0
100
F17725102200
1.5
27.5
18.0 x 28.0 x 31.5
19.0
85
F17725152260
1.5
37.5
14.5 x 24.5 x 41.5
18.9
80
F17725152200
2.2
27.5
21.0 x 31.0 x 31.0
28.0
70
F17725222260
2.2
37.5
15.5 x 28.5 x 41.5
24.0
70
F17725222200
APPROVALS
SAFETY APPROVALS X2
VOLTAGE
VALUE
FILE NUMBERS
LINK
EN 60384-14 (ENEC)
(= IEC 60384-14 ed-3)
310 VAC
0.01 μF to 2.2 μF X2
40005079
www.vishay.com/doc?28196
UL 60384-14
310 VAC
0.01 μF to 2.2 μF X2
E354331
www.vishay.com/doc?28191
CSA-E 384-14
310 VAC
0.01 μF to 2.2 μF X2
E354331
CB test-certificate
310 VAC
0.01 μF to 2.2 μF X2
DE 1-40110/A1
www.vishay.com/doc?28195
The ENEC-approval together with the CB-certificate replace all national marks of the following countries (they have already signed the
ENEC-agreement): Austria; Belgium; Czech. Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom.
ELECTRICAL DATA AND ORDERING INFORMATION
URAC
(V)
CAP.
(μF)
PITCH
(mm)
DIMENSIONS
w x h x l
MAX. (mm)
MASS (3)
(g)
SPQ
(pieces)
SHORT LEAD
ORDERING CODE
BULK
LEAD LENGTH
6 mm - 1 mm (1)(2)


Similar Part No. - F17724222200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F177242222 VISHAY-F177242222 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772422226 VISHAY-F1772422226 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
More results

Similar Description - F17724222200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com