Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17724682260 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # F17724682260
Description  Interference Suppression Film Capacitor - Class X2 Radial MKT 310 VAC - High Stability Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F17724682260 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button F17724682260 Datasheet HTML 4Page - Vishay Siliconix F17724682260 Datasheet HTML 5Page - Vishay Siliconix F17724682260 Datasheet HTML 6Page - Vishay Siliconix F17724682260 Datasheet HTML 7Page - Vishay Siliconix F17724682260 Datasheet HTML 8Page - Vishay Siliconix F17724682260 Datasheet HTML 9Page - Vishay Siliconix F17724682260 Datasheet HTML 10Page - Vishay Siliconix F17724682260 Datasheet HTML 11Page - Vishay Siliconix F17724682260 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
F1772 X2
www.vishay.com
Vishay Roederstein
Revision: 15-Apr-14
10
Document Number: 28161
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C3
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 μF at 10 kHz
For C > 1 μF at 1 kHz
4.13
Impulse voltage
3 successive impulses, full wave, peak
voltage:
X2: 2.5 kV for C
 1 μF
X2: 2.5 kV/
C for C > 1 μF
Max. 24 pulses
No self healing breakdowns or flash-over
4.14
Endurance
Duration: 1000 h
1.25 x URAC at 110 °C
Once in every hour the voltage is increased to
1000 V (RMS) for 0.1 s via resistor of
47
 ± 5 %
4.14.7 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % compared to values measured
in 4.13.1
Tangent of loss angle
Increase of tan
 
 0.008 for: C  1 μF or
 0.005 for: C > 1 μF
Compared to values measured in 4.13.1
Voltage proof
1350 VDC; 1 min between terminations
2120 VAC; 1 min between terminations and
case
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.15
Charge and discharge
10 000 cycles
Charged to 435 VDC
Discharge resistance:
4.15.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 μF at 10 kHz
For C > 1 μF at 1 kHz
4.13.3 Final measurements
Capacitance
|
C/C|  10 % compared to values measured
in 4.15.1
Tangent of loss angle
Increase of tan
 
 0.008 for: C  1 μF or
 0.005 for: C > 1 μF
Compared to values measured in 4.15.1
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
435 V
DC
1.5 x C dU dt

------------------------------------------
=


Similar Part No. - F17724682260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772468226 VISHAY-F1772468226 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
More results

Similar Description - F17724682260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1778410K2FCB0 VISHAY-F1778410K2FCB0 Datasheet
165Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKP 310 VAC - Standard Across the Line
Revision: 13-Dec-13
F1773X2 VISHAY-F1773X2 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F339X2 VISHAY-F339X2 Datasheet
178Kb / 14P
   THB Grade IIB Class X2 Interference Suppression Film Capacitor
F340X2 VISHAY-F340X2 Datasheet
181Kb / 12P
   THB Grade IIIB Class X2 Interference Suppression Film Capacitor
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F1772-2 VISHAY-F1772-2 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com