Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3241CBZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL3241CBZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3241CBZ Datasheet(HTML) 4 Page - Intersil Corporation

  ICL3241CBZ Datasheet HTML 1Page - Intersil Corporation ICL3241CBZ Datasheet HTML 2Page - Intersil Corporation ICL3241CBZ Datasheet HTML 3Page - Intersil Corporation ICL3241CBZ Datasheet HTML 4Page - Intersil Corporation ICL3241CBZ Datasheet HTML 5Page - Intersil Corporation ICL3241CBZ Datasheet HTML 6Page - Intersil Corporation ICL3241CBZ Datasheet HTML 7Page - Intersil Corporation ICL3241CBZ Datasheet HTML 8Page - Intersil Corporation ICL3241CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN4805.21
March 1, 2006
Pinout
s
ICL3221 (SSOP, TSSOP)
TOP VIEW
ICL3222 (PDIP, SOIC)
TOP VIEW
ICL3222 (SSOP, TSSOP)
TOP VIEW
ICL3223 (PDIP, SSOP, TSSOP)
TOP VIEW
ICL3232 (PDIP, SOIC, SSOP, TSSOP)
TOP VIEW
ICL3241 (SOIC, SSOP, TSSOP)
TOP VIEW
EN
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T2IN
VCC
T1IN
R2OUT
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
SHDN
GND
T1OUT
R1IN
R1OUT
T1IN
NC
VCC
NC
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
EN
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
VCC
T1OUT
R1IN
R1OUT
T1IN
R2OUT
GND
T2IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
EN
R1OUTB
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
V+
SHDN
R2OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3241CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3241CBZ RENESAS-ICL3241CBZ Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3241CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232IV INTERSIL-ICL3232IV Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com