Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2556 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2556 Datasheet HTML 1Page - Texas Instruments TLV2556 Datasheet HTML 2Page - Texas Instruments TLV2556 Datasheet HTML 3Page - Texas Instruments TLV2556 Datasheet HTML 4Page - Texas Instruments TLV2556 Datasheet HTML 5Page - Texas Instruments TLV2556 Datasheet HTML 6Page - Texas Instruments TLV2556 Datasheet HTML 7Page - Texas Instruments TLV2556 Datasheet HTML 8Page - Texas Instruments TLV2556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
5
www.ti.com
electrical characteristics over recommended operating free-air temperature range, VREF+ = 5 V,
SCLK frequency = 15 MHz when VCC = 5 V, VREF+ = 2.5 V, SCLK frequency = 10 MHz when
VCC = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
V
High level output voltage
VCC = 4.5 V, IOH = –1.6 mA
VCC = 2.7 V, IOH = –0.2 mA
30 pF
2.4
V
VOH
High-level output voltage
VCC = 4.5 V, IOH = –20 µA
VCC = 2.7 V, IOH = –20 µA
30 pF
VCC –0.1
V
V
Low level output voltage
VCC = 5.5 V, IOL = 1.6 mA
VCC = 3.6 V, IOH = 0.8 mA
30 pF
0.4
V
VOL
Low-level output voltage
VCC = 5.5 V, IOL = –20 µA
VCC = 3.6 V, IOH = –20 µA
30 pF
0.1
V
I
High impedance off state output current
VO = VCC,
CS at VCC
1
2.5
A
IOZ
High-impedance off-state output current
VO = 0 V,
CS at VCC
–1
–2.5
µA
CS at 0 V
Ext Ref
VCC = 5 V
1.2
I
Operating supply current
CS at 0 V,
Ext. Ref
VCC = 2.7 V
0.9
mA
ICC
Operating supply current
CS at 0 V
Int Ref
VCC = 5 V
3
mA
CS at 0 V,
Int. Ref
VCC = 2.7 V
2.4
I
Software power down current
For all digital inputs,
0 V
≤ VI ≤ 0.5 V or
Ext. Ref
0.1
1
µA
ICC(SPD) Software power-down current
0 V
≤ VI ≤ 0.5 V or
VI ≥ VCC – 0.5 V,
SCLK = 0 V
Int. Ref
0.1
1
µA
I
Auto power down current
For all digital inputs,
0 V
≤ VI ≤ 0.5 V or
Ext. Ref
0.1
10
A
ICC(APD) Auto power-down current
0 V
≤ VI ≤ 0.5 V or
VI ≥ VCC – 0.5 V,
SCLK = 0 V
Int. Ref
1800
µA
IIH
High-level input current
VI = VCC
0.005
2.5
µA
IIL
Low-level input current
VI = 0 V
–0.005
–2.5
µA
I
Selected channel leakage current
Selected channel at VCC , Unselected
channel at 0 V
1
µA
Ilkg
Selected channel leakage current
Selected channel at 0 V, Unselected channel
at VCC
–1
µA
f
Internal oscillator frequency
VCC = 4.5 V to 5.5 V
3.27
MHz
f(OSC)
Internal oscillator frequency
VCC = 2.7 V to 3.6 V
2.56
MHz
t
Conversion time 13 5
 [f
]+25ns
VCC = 4.5 V to 5.5 V
4.15
µs
tconv
Conversion time = 13.5
 [f(OSC)] + 25 ns
VCC = 2.7 V to 3.6 V
5.54
µs
Internal oscillator frequency switch over
voltage
3.6
4.1
V
Z
Analog input MUX impedance‡
VCC = 4.5 V
600
Zi
Analog input MUX impedance‡
VCC = 2.7 V
500
C
Input capacitance
Analog inputs
45
55
pF
Ci
Input capacitance
Control inputs
5
15
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The switch resistance is very nonlinear and varies with input voltage and supply voltage. This is the worst case.


Similar Part No. - TLV2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
TLV2556IDW TI-TLV2556IDW Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDW TI-TLV2556IDW Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results

Similar Description - TLV2556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com