Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC354CPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC354CPW
Description  LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC354CPW Datasheet(HTML) 4 Page - Texas Instruments

  TLC354CPW Datasheet HTML 1Page - Texas Instruments TLC354CPW Datasheet HTML 2Page - Texas Instruments TLC354CPW Datasheet HTML 3Page - Texas Instruments TLC354CPW Datasheet HTML 4Page - Texas Instruments TLC354CPW Datasheet HTML 5Page - Texas Instruments TLC354CPW Datasheet HTML 6Page - Texas Instruments TLC354CPW Datasheet HTML 7Page - Texas Instruments TLC354CPW Datasheet HTML 8Page - Texas Instruments TLC354CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
recommended operating conditions
TLC354C
TLC354I
TLC354M
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
1.4
16
1.4
16
1.4
16
V
VDD = 1.4 V
0
0.2
0
0.2
0
0.2
Common-mode input voltage, VIC
VDD = 5 V
0
3.5
0
3.5
0
3.5
V
VDD = 10 V
0
8.5
0
8.5
0
8.5
Operating free-air temperature, TA
0
70
–40
85
–55
125
°C
electrical characteristics at specified free-air temperature, VDD = 1.4 V
PARAMETER
TEST CONDITIONS
TA†
TLC354C
TLC354I
TLC354M
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC =VICRmin
See Note 4
25
°C
2
5
2
5
2
5
mV
VIO
Input offset voltage
VIC = VICRmin, See Note 4
Full range
6.5
7
10
mV
IIO
Input offset current
25
°C
1
1
1
pA
IIO
Input offset current
MAX
0.3
1
10
nA
IIB
Input bias current
25
°C
5
5
5
pA
IIB
Input bias current
MAX
0.6
2
20
nA
VICR
Common-mode input voltage
range
25
°C
0 to
0.2
0 to
0.2
0 to
0.2
V
IOH
High level output current
VID =1V
VOH = 5 V
25
°C
0.1
0.1
0.1
nA
IOH
High-level output current
VID = 1 V
VOH = 15 V
Full range
1
1
1
µA
VOL
Low level output voltage
VID =0 5 V
IOL =0 6mA
25
°C
100
200
100
200
100
200
mV
VOL
Low-level output voltage
VID = – 0.5 V,
IOL = 0.6 mA
Full range
200
200
200
mV
IOL
Low-level output current
VID = – 0.5 V,
VOL = 300 mV
25
°C
1
1.6
1
1.6
1
1.6
mA
IDD
Supply current
VID =0 5V
No load
25
°C
130
300
130
300
130
300
µA
IDD
y
(four comparators)
VID = 0.5 V,
No load
Full range
400
400
400
µA
† All characteristics are measured with zero common-mode input voltage unless otherwise noted. Full range is 0
°C to 70°C for TLC354C, –40°C to 85°C for TLC354I, and –55°C
to 125
°C for the TLC354M. MAX is 70°C for TLC354C, 85°C TLC354I, and 125°C for the TLC354M. IMPORTANT: See Parameter Measurement Information.
NOTE 4: The offset voltage limits given are the maximum values required to drive the output above 1.25 V or below 150 mV with a 10-k
Ω resistor between the output and VDD. They
can be verified by applying the limit value to the input and checking for the appropriate output state.


Similar Part No. - TLC354CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354CPW TI-TLC354CPW Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC354CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372 Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372 TI1-TLC372_14 Datasheet
1Mb / 27P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2352 TI-TLV2352 Datasheet
311Kb / 21P
[Old version datasheet]   LinCMOSE DUAL LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com