Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8509IBDBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8509IBDBRG4
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8509IBDBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8509IBDBRG4 Datasheet HTML 3Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 4Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 5Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 6Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 7Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 8Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 9Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 10Page - Texas Instruments ADS8509IBDBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1
2
tsu1
tsu1
CS
R/C
External
DATACLK
CS Set Low, Discontinuous Ext DATACLK
tsu1
tsu1
R/C
CS
External
DATACLK
R/C Set Low, Discontinuous Ext DATACLK
tsu2
tsu2
CS
R/C
tsu3
BUSY
External
DATACLK
CS Set Low, Discontinuous Ext DATACLK
ADS8509
www.ti.com
SLAS324C – OCTOBER 2004 – REVISED APRIL 2010
TIMING REQUIREMENTS, TA = –40°C to 85°C
PARAMETER
MIN
TYP
MAX
UNIT
tw1
Pulse duration, convert
40
ns
td1
Delay time, BUSY from R/C low
6
20
ns
tw2
Pulse duration, BUSY low
2.2
ms
td2
Delay time, BUSY, after end of conversion
5
ns
td3
Delay time, aperture
5
ns
tconv
Conversion time
2.2
ms
tacq
Acquisition time
1.8
ms
tconv + tacq Cycle time
4
ms
td4
Delay time, R/C low to internal DATACLK output
270
ns
tc1
Cycle time, internal DATACLK
110
ns
td5
Delay time, data valid to internal DATACLK high
15
35
ns
td6
Delay time, data valid after internal DATACLK low
20
35
ns
tc2
Cycle time, external DATACLK
35
ns
tw3
Pulse duration, external DATACLK high
15
ns
tw4
Pulse duration, external DATACLK low
15
ns
tsu1
Setup time, R/C rise/fall to external DATACLK high
15
ns
tsu2
Setup time, R/C transition to CS transition
10
ns
td7
Delay time, SYNC, after external DATACLK high
3
35
ns
td8
Delay time, data valid
2
20
ns
td9
Delay time, CS to rising edge
10
ns
td10
Delay time, previous data available after CS, R/C low
2
ms
tsu3
Setup time, BUSY transition to first external DATACLK
5
ns
td11
Delay time, final external DATACLK to BUSY falling edge
1
ms
tsu3
Setup time, TAG valid
0
ns
th1
Hold time, TAG valid
2
ns
PARAMETER MEASUREMENT INFORMATION
Figure 1. Critical Timing
Copyright © 2004–2010, Texas Instruments Incorporated
7
Product Folder Link(s): ADS8509


Similar Part No. - ADS8509IBDBRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8509IBDBRG4 BURR-BROWN-ADS8509IBDBRG4 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8509IBDBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8515 TI-ADS8515 Datasheet
526Kb / 22P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI-ADS8505 Datasheet
600Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com