Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4317 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4317
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4317 Datasheet HTML 6Page - Texas Instruments OPA4317 Datasheet HTML 7Page - Texas Instruments OPA4317 Datasheet HTML 8Page - Texas Instruments OPA4317 Datasheet HTML 9Page - Texas Instruments OPA4317 Datasheet HTML 10Page - Texas Instruments OPA4317 Datasheet HTML 11Page - Texas Instruments OPA4317 Datasheet HTML 12Page - Texas Instruments OPA4317 Datasheet HTML 13Page - Texas Instruments OPA4317 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
V
OUT
R = 20 kW
P
Op Amp V = GND
-
Device
V
IN
V+ = +5 V
-5 V
Additional
Negative
Supply
CORE
-In
+In
Clamp
10 kW
10 kW
OPA317
OPA2317
OPA4317
SBOS682A – MAY 2013 – REVISED JUNE 2013
www.ti.com
Figure 19. Equivalent Input Circuit
INTERNAL OFFSET CORRECTION
The OPA317, OPA2317, and OPA4317 op amps use an auto-calibration technique with a time-continuous, 125-
kHz op amp in the signal path. This amplifier is zero-corrected every 8
μs using a proprietary technique. Upon
power-up, the amplifier requires approximately 100
μs to achieve specified VOS accuracy. This design has no
aliasing or flicker noise.
EMI SUSCEPTIBILITY AND INPUT FILTERING
Operational amplifiers vary in their susceptibility to EMI. If conducted EMI enters the operational amplifier, the dc
offset observed at the amplifier output may shift from its nominal value while the EMI is present. This shift is a
result of signal rectification associated with the internal semiconductor junctions. While all operational amplifier
pin functions can be affected by EMI, the input pins are likely to be the most susceptible. The OPA317
operational amplifier family incorporates an internal input low-pass filter that reduces the amplifier response to
EMI. Both common-mode and differential mode filtering are provided by the input filter. The filter is designed for a
cutoff frequency of approximately 8 MHz (–3 dB), with a roll-off of 20 dB per decade.
ACHIEVING OUTPUT SWING TO THE OP AMP NEGATIVE RAIL
Some applications require output voltage swings from 0 V to a positive full-scale voltage (such as +2.5 V) with
excellent accuracy. With most single-supply op amps, problems arise when the output signal approaches 0 V,
near the lower output swing limit of a single-supply op amp. A good single-supply op amp may swing close to
single-supply ground, but will not reach ground. The output of the OPA317, OPA2317, and OPA4317 can be
made to swing to ground, or slightly below, on a single-supply power source. To do so requires the use of
another resistor and an additional, more negative power supply than the op amp negative supply. A pull-down
resistor can be connected between the output and the additional negative supply to pull the output down below
the value that the output would otherwise achieve, as shown in Figure 20.
Figure 20. For VOUT Range to Ground
The OPA317, OPA2317, and OPA4317 have an output stage that allows the output voltage to be pulled to its
negative supply rail, or slightly below, using the technique previously described. This technique only works with
some types of output stages. The OPA317, OPA2317, and OPA4317 have been characterized to perform with
this technique; the recommended resistor value is approximately 20 k
Ω. Note that this configuration increases
the current consumption by several hundreds of microamps. Accuracy is excellent down to 0 V and as low as –2
mV. Limiting and nonlinearity occurs below –2 mV, but excellent accuracy returns as the output drives back up
above –2 mV. Lowering the resistance of the pull-down resistor allows the op amp to swing even further below
the negative rail. Use resistances as low as 10 k
Ω to achieve excellent accuracy down to –10 mV.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: OPA317 OPA2317 OPA4317


Similar Part No. - OPA4317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI-OPA4317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317ID TI-OPA4317ID Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
OPA4317IDR TI-OPA4317IDR Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
More results

Similar Description - OPA4317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com