Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  Fully Differential Amplifier
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 1 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
C2
100 nF
Rf1
402
Rload
500
Rg1
191
C1
100 nF
Rg2
221
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match Gain of
2 V/V from Rt Single-Ended
Source to Differential Output
Vocm
Rf2
402
50-

Source
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Frequency (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
D013
HD2
HD3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
THS4541
SLOS375 – AUGUST 2014
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz
Fully Differential Amplifier
1 Features
3 Description
The THS4541 is a low-power, voltage-feedback, fully
1
Fully Differential Amplifier (FDA) Architecture
differential amplifier (FDA) with an input common-
Bandwidth: 500 MHz (G = 2 V/V)
mode range below the negative rail, and rail-to-rail
Gain Bandwidth Product: 850 MHz
output. Designed for low-power data acquisition
systems where high density is critical in a high-
Slew Rate: 1500 V/µs
performance analog-to-digital converter (ADC) or
HD2: –95 dBc at 10 MHz (2 VPP, RL = 500 Ω)
digital-to-analog converter (DAC) interface design.
HD3: –90 dBc at 10 MHz (2 VPP, RL = 500 Ω)
The
THS4541
features
the
negative-rail
input
Input Voltage Noise: 2.2 nV/Hz (f > 100 kHz)
required when interfacing a dc-coupled, ground-
Low offset drift: ±0.5 µV/°C (typ)
centered, source signal. This negative-rail input, with
rail-to-rail output, allows for easy interface between
Negative Rail Input (NRI)
single-ended,
ground-referenced,
bipolar
signal
Rail-to-Rail Output (RRO)
sources and a wide variety of SAR,
ΔΣ, or pipeline
Robust Operation for Rload
≥ 50 Ω
ADCs using only a single +2.7-V to +5.4-V power
Output Common-Mode Control
supply.
Power Supply:
The THS4541 is characterized for operation over the
Single-Supply Voltage Range: 2.7 V to 5.4 V
wide temperature range of –40°C to 125°C available
in 16-pin VQFN and 10-pin WQFN packages.
Split-Supply Voltage Range: ±1.35 V to ±2.7 V
Quiescent Current: 10.1 mA (5-V Supply)
Device Information(1)
Power-Down Capability: 2 µA (typ)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VQFN (16)
3.00 mm × 3.00 mm
THS4541
2 Applications
WQFN (10)
2.00 mm × 2.00 mm
Low-Power, High-Performance ADC Driver
(1) For all available packages, see the package option addendum
at the end of the datasheet.
SAR,
ΔΣ, and Pipeline
Low Power, High Performance
(DC or AC Coupled)
Single-Ended to Differential Amplifier
Differential to Differential Amplifier
Differential Active Filters
Differential Transimpedance for DAC Outputs
DC- or AC-Coupled Interface to the ADC3xxx
Family of Low-Power, High-Performance ADCs
Pin-Compatible Upgrade to ADA4932-1 (RGT)
Simplified Schematic
Single to Differential Gain of 2, 2-VPP Output
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 61P
[Old version datasheet]   THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 64P
[Old version datasheet]   THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
[Old version datasheet]   THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
[Old version datasheet]   THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
THS4541-Q1 TI1-THS4541-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   850-MHz Fully Differential Amplifier
More results

Similar Description - THS4541

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com