Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 4 Page - Texas Instruments

  ADCS7477 Datasheet HTML 1Page - Texas Instruments ADCS7477 Datasheet HTML 2Page - Texas Instruments ADCS7477 Datasheet HTML 3Page - Texas Instruments ADCS7477 Datasheet HTML 4Page - Texas Instruments ADCS7477 Datasheet HTML 5Page - Texas Instruments ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADCS7476, ADCS7477, ADCS7478
SNAS192F – APRIL 2003 – REVISED MARCH 2013
www.ti.com
ADCS7476/ADCS7477/ADCS7478 Specifications
(1)
ADCS7476 Converter Electrical Characteristics (continued)
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted.
Boldface limits apply for TA = −40°C to +85°C: all other limits TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
VDD = +4.75V to +5.25V,
2
mA
SCLK On or Off
Normal Mode (Static)
VDD = +2.7V to +3.6V,
1
mA
SCLK On or Off
VDD = +4.75V to +5.25V,
2.0
3.5
mA (max)
IDD
fSAMPLE = 1 MSPS
Normal Mode (Operational)
VDD = +2.7V to +3.6V,
0.6
1.6
mA (max)
fSAMPLE = 1 MSPS
VDD = +5V, SCLK Off
0.5
µA
Shutdown Mode
VDD = +5V, SCLK On
60
µA
VDD = +5V, fSAMPLE = 1 MSPS
10
17.5
mW (max)
Power Consumption, Normal Mode
(Operational)
VDD = +3V, fSAMPLE = 1 MSPS
2
4.8
mW (max)
PD
VDD = +5V, SCLK Off
2.5
µW
Power Consumption, Shutdown Mode
VDD = +3V, SCLK Off
1.5
µW
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VDD
V
IDCL
DC Leakage Current
±1
µA (max)
CINA
Analog Input Capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
VIH
Input High Voltage
2.4
V (min)
VDD = +5V
0.8
V (max)
VIL
Input Low Voltage
VDD = +3V
0.4
V (max)
IIN
Input Current
VIN = 0V or VDD
±10 nA
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA,
VOH
Output High Voltage
VDD −0.2
V (min)
VDD = +2.7V to +5.25V
VOL
Output Low Voltage
ISINK = 200 µA
0.4
V (max)
IOL
TRI-STATE Leakage Current
±10
µA (max)
COUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock Frequency
−40°C ≤ TA ≤ 125°C
20
MHz (max)
40
% (min)
DC
SCLK Duty Cycle
60
% (max)
tTH
Track/Hold Acquisition Time
400
ns (max)
fRATE
Throughput Rate
See USING THE ADCS7476/77/78
1
MSPS (max)
tAD
Aperture Delay
3
ns
tAJ
Aperture Jitter
30
ps
ADCS7476/ADCS7477/ADCS7478 Specifications
(1) ADCS7477 Converter Electrical
Characteristics
The following specifications apply for VDD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted.
Boldface limits apply for TA = −40°C to +85°C: all other limits TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: ADCS7476 ADCS7477 ADCS7478


Similar Part No. - ADCS7477

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS7477 NSC-ADCS7477 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7477 NSC-ADCS7477 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7477 TI1-ADCS7477 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
logo
National Semiconductor ...
ADCS7477AIMF NSC-ADCS7477AIMF Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7477AIMF NSC-ADCS7477AIMF Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
More results

Similar Description - ADCS7477

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADCS7476AIMF-NOPB TI1-ADCS7476AIMF-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADCS7476 NSC-ADCS7476_07 Datasheet
499Kb / 24P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476 Datasheet
360Kb / 20P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
REV. D
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com