Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463 Datasheet(HTML) 5 Page - Texas Instruments

  ADS5463 Datasheet HTML 1Page - Texas Instruments ADS5463 Datasheet HTML 2Page - Texas Instruments ADS5463 Datasheet HTML 3Page - Texas Instruments ADS5463 Datasheet HTML 4Page - Texas Instruments ADS5463 Datasheet HTML 5Page - Texas Instruments ADS5463 Datasheet HTML 6Page - Texas Instruments ADS5463 Datasheet HTML 7Page - Texas Instruments ADS5463 Datasheet HTML 8Page - Texas Instruments ADS5463 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
ADS5463 sampling rate = 500 MSPS, ADS54RF63 sampling rate = 550 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3
= 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input, and 3-VPP differential clock, unless otherwise noted
ADS54RF63
ADS5463
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC ACCURACY
No missing codes
Specified
Specified
Differential
DNL
fIN = 10 MHz
–0.95
±0.5
0.95
–0.95
±0.25
0.95
LSB
linearity error
500MSPS, fIN = 10 MHz
–2.5
±0.7
2.5
–2.5
+0.8/–0.3
2.5
LSB
Integral linearity
INL
error
550MSPS, fIN = 10 MHz
–4.5
±1.5
4.5
NA
LSB
Offset error
–11
11
–11
11
mV
Offset
temperature
0.0005
0.0005
mV/°C
coefficient
Gain error
–5
5
–5
5
%FS
Gain temperature
–0.02
–0.02
%FS/°C
coefficient
POWER SUPPLY
5-V analog supply
IAVDD5
310
340
300
330
mA
current
3.3-V analog
IAVDD3
140
155
125
138
mA
supply current
VIN = full scale, fIN = 10 MHz
3.3-V digital
IDVDD3 supply current
82
88
82
88
mA
(includes LVDS)
Total power
2.25
2.5
2.18
2.4
W
dissipation
Power-up time
200
200
µs
Without 0.1-
µF board supply
Power-supply
PSRR
capacitors, with 100-kHz supply
85
85
dB
rejection ratio
noise
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5463 ADS54RF63


Similar Part No. - ADS5463

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI-ADS5463 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
More results

Similar Description - ADS5463

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
DAC3151IRGCT TI1-DAC3151IRGCT Datasheet
1Mb / 56P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com