Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7871 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS7871
Description  PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7871_14 Datasheet HTML 5Page - Texas Instruments ADS7871_14 Datasheet HTML 6Page - Texas Instruments ADS7871_14 Datasheet HTML 7Page - Texas Instruments ADS7871_14 Datasheet HTML 8Page - Texas Instruments ADS7871_14 Datasheet HTML 9Page - Texas Instruments ADS7871_14 Datasheet HTML 10Page - Texas Instruments ADS7871_14 Datasheet HTML 11Page - Texas Instruments ADS7871_14 Datasheet HTML 12Page - Texas Instruments ADS7871_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
www.ti.com
9
Figure 9
−1
0
1
2
3
4
5
6
−6 −5 −4 −3 −2 −1
012
3456
VDD
VI x GAIN <VDD −1.4
Gain = 1
Gain = 20
Differential Input Voltage − V
TYPICAL INPUT RANGE
VDD = 5 V,
TA = 25°C
Figure 10
0
1
2
3
4
5
6
01
2
3
45
VDD
Upper Compliance Limit
Lower Compliance Limit
Level-Shift Error
Input to A/D
Valid Bit = 1
PGA OUTPUT
| VI | x Gain
VDD = 5 V,
TA = 25°C
Figure 11
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
40
45
50
QUIESCENT CURRENT
vs
SAMPLING RATE
Sampling Rate − ks/s
SCLK = CCLK = 52 x Sampling Rate,
VDD = 5 V,
VREF and Buf on, OSC off,
TA = 25°C
Figure 12
0
5
10
15
20
0
5
10
15
20
NOISE AND EFFECTIVE NUMBER OF BITS
vs
PGA GAIN
PGA Gain
15
14
13
12
11
CCLK = 2.5 MHz,
VDD = 5 V,
TA = 25°C
VREF = 2.5 V,
Internal Ref + Buf,
DC Input


Similar Part No. - ADS7871_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871IDB TI-ADS7871IDB Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDB TI1-ADS7871IDB Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBG4 TI1-ADS7871IDBG4 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI-ADS7871IDBR Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI1-ADS7871IDBR Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7871_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Analog Devices
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com