Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P23IRGCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS62P23IRGCT
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P23IRGCT Datasheet(HTML) 4 Page - Texas Instruments

  ADS62P23IRGCT Datasheet HTML 1Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 2Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 3Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 4Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 5Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 6Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 7Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 8Page - Texas Instruments ADS62P23IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
3
3.3
3.6
V
CMOS interface
1.65
1.8 to 3.3
3.6
V
DRVDD Output buffer supply voltage (1)
LVDS interface
3
3.3
3.6
V
ANALOG INPUTS
Differential input voltage range
2
Vpp
VIC
Input common-mode voltage
1.5
± 0.1
V
Voltage applied on VCM in external reference mode
1.45
1.5
1.55
V
CLOCK INPUT
ADS62P25
1
125
ADS62P24
1
105
Input clock sample rate, FS
MSPS
ADS62P23
1
80
ADS62P22
1
65
Sine wave, ac-coupled
0.4
1.5
LVPECL, ac-coupled
± 0.8
Input clock amplitude differential
Vpp
(VCLKP – VCLKM)
LVDS, ac-coupled
± 0.35
LVCMOS, ac-coupled
3.3
Input Clock duty cycle
35%
50%
65%
DIGITAL OUTPUTS
DEFAULT
for CLOAD ≤ 5 pF and DRVDD ≥ 2.2 V
strength
MAXIMUM
Output buffer drive strength (2)
for CLOAD > 5 pF and DRVDD ≥ 2.2 V
strength
MAXIMUM
for DRVDD
< 2.2 V
strength
CMOS interface, maximum buffer
10
strength
Maximum external load capacitance from each
LVDS interface, without internal
5
CLOAD
pF
output pin to DRGND
termination
LVDS interface, with internal
10
termination
RLOAD
Differential load resistance (external) between the LVDS output pairs
100
TA
Operating free-air temperature
-40
85
°C
(1)
For easy migration to the next generation, higher sampling speed devices (
> 125 MSPS), use 1.8 V DRVDD supply.
(2)
See Output Buffer Strength Programmability in application section
4
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS62P23IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P23IRGCT TI-ADS62P23IRGCT Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P23IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com