Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7871IDBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7871IDBR
Description  PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7871IDBR Datasheet(HTML) 1 Page - Texas Instruments

  ADS7871IDBR Datasheet HTML 1Page - Texas Instruments ADS7871IDBR Datasheet HTML 2Page - Texas Instruments ADS7871IDBR Datasheet HTML 3Page - Texas Instruments ADS7871IDBR Datasheet HTML 4Page - Texas Instruments ADS7871IDBR Datasheet HTML 5Page - Texas Instruments ADS7871IDBR Datasheet HTML 6Page - Texas Instruments ADS7871IDBR Datasheet HTML 7Page - Texas Instruments ADS7871IDBR Datasheet HTML 8Page - Texas Instruments ADS7871IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ADS7871
SLAS370C − APRIL 2002 − REVISED OCTOBER 2004
14BIT, 48KSPS, DATA ACQUISITION SYSTEM WITH ANALOGTODIGITAL
CONVERTER, MUX, PGA, AND REFERENCE
FEATURES
D PGA Gains: 1, 2, 4, 5, 8, 10, 16, 20 V/V
D Programmable Input (Up to 4-Channel
Differential/Up to 8-Channel Single-Ended or
Some Combination)
D 1.15-V, 2.048-V, or 2.5-V Internal Reference
D SPI/DSP Compatible Serial Interface
(
≤ 20 MHz)
D Throughput Rate: 48 kSamples/sec
D Error Overload Indicator
D Programmable Output 2s Complement/Binary
D 2.7-V to 5.5-V Single Supply Operation
D 4-Bit Digital I/O Via Serial Interface
D Pin-Compatible With ADS7870
D SSOP-28 Package
APPLICATIONS
D Portable Battery-Powered Systems
D Low-Power Instrumentation
D Low-Power Control Systems
D Smart Sensor Applications
DESCRIPTION
The ADS7871 (US patents 6140872, 6060874) is a
complete low power data acquisition system on a single
chip. It consists of a 4-channel differential/8-channel
single-ended multiplexer, precision programmable gain
amplifier, 14-bit successive approximation analog-to-
digital (A/D) converter, and a precision voltage reference.
The programmable-gain amplifier provides high input
impedance, excellent gain accuracy, good common-mode
rejection, and low noise.
For many low-level signals, no external amplification or
impedance buffering is needed between the signal source
and the A/D input.
The offset voltage of the PGA is auto-zeroed. Gains of 1,
2, 4, 5, 8, 10, 16, and 20 V/V allow signals as low as 125
mV to produce full-scale digital outputs.
The ADS7871 contains an internal reference, which is
trimmed for high initial accuracy and stability vs
temperature. Drift is typically 10 ppm/
°C. An external
reference can be used in situations where multiple
ADS7871s share a common reference.
The serial interface allows the use of SPI, QSPI,
Microwire, and 8051-family protocols, without glue logic.
14-BIT
A/D
MUX
Serial
Interface
SCLK
CS
Digital
I/O
I/O0
I/O2
I/O3
I/O1
LN0
LN2
LN3
LN1
LN4
LN6
LN7
LN5
Registers
PGA
_
+
RESET
RISE/FALL
DIN
DOUT
BUSY
CONVERT
BUFOUT/REFIN
BUFIN
Oscillator
CCLK
OSC ENABLE
REF
VREF
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2002−2004, Texas Instruments Incorporated
All trademarks are the property of their respective owners.


Similar Part No. - ADS7871IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871IDBR TI-ADS7871IDBR Datasheet
431Kb / 42P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBR TI1-ADS7871IDBR Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871IDBRG4 TI1-ADS7871IDBRG4 Datasheet
564Kb / 44P
[Old version datasheet]   14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
More results

Similar Description - ADS7871IDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1208 TI1-TMUX1208_18 Datasheet
1Mb / 34P
[Old version datasheet]   5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
logo
Analog Devices
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
List of Unclassifed Man...
88981133 ETC2-88981133 Datasheet
1Mb / 5P
   16 digital inputs (including 4 High Speed, 8 analog 0-10 V / potentiometers and 4 analog 0-10 V / 4-20 mA)
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_16 Datasheet
154Kb / 8P
   5V ECL 16:1 Multiplexer
July, 2016 ??Rev. 9
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y_10 Datasheet
327Kb / 20P
   5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com