Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6443IRGC25 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS6443IRGC25
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6443IRGC25 Datasheet(HTML) 5 Page - Texas Instruments

  ADS6443IRGC25 Datasheet HTML 1Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 2Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 3Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 4Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 5Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 6Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 7Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 8Page - Texas Instruments ADS6443IRGC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS
Typical values are at 25°C, min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6445
ADS6444
ADS6443
ADS6442
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
14
14
14
14
Bits
ANALOG INPUT
Differential input voltage
2.0
2.0
2.0
2.0
VPP
range
Differential input
7
7
7
7
pF
capacitance
Analog input bandwidth
500
500
500
500
MHz
Analog input common mode
155
130
100
81
μA
current (per input pin of
each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom
1.0
1.0
1.0
1.0
V
voltage
VREFT
Internal reference top
2.0
2.0
2.0
2.0
V
voltage
ΔVREF
Internal reference error
-15
± 2
15
-15
± 2
15
-15
± 2
15
-15
± 2
15
mV
(VREFT–VREFB)
VCM
Common mode output
1.5
1.5
1.5
1.5
V
voltage
VCM output current
±4
±4
±4
±4
mA
capability
DC ACCURACY
No missing codes
Assured
Assured
Assured
Assured
EO
Offset error, across devices
–15
±2
15
–15
±2
15
–15
±2
15
–15
±2
15
mV
and across channels within
a device
Offset error temperature
0.05
0.05
0.05
0.05
mV/°C
coefficient, across devices
and across channels within
a device
There are two sources of
gain error - internal
reference inaccuracy and
channel gain error
EGREF
Gain error due to internal
-0.75
0.1
0.75
-0.75
0.1
0.75
-0.75
0.1
0.75
-0.75
0.1
0.75
% FS
reference inaccuracy alone,
(
ΔVREF /2.0) %
Reference gain error
0.0125
0.0125
0.0125
0.0125
Δ%/°C
temperature coefficient
EGCHAN
Gain error of channel alone,
–1
±0.3
1
–1
±0.3 1
–1
±0.3 1
–1
±0.3
1
% FS
across devices and across
channels within a device(1)
Channel gain error
0.005
0.005
0.005
0.005
Δ%/°C
temperature coefficient,
across devices and across
channels within a device
Differential nonlinearity, Fin
–0.9
±0.6
2.0
–0.9
±0.6
2.0
–0.9
±0.5
1.8
–0.9
±0.5
1.8
LSB
DNL
= 50 MHz
Integral nonlinearity, Fin =
-5
±3
5
-0.5
±3
5
4.5
±2
4.5
4.5
±2
4.5
LSB
INL
50 MHz
PSRR
DC power supply rejection
0.5
0.5
0.5
0.5
mV/V
ratio
POWER SUPPLY
ICC
Total supply current
502
410
360
320
mA
IAVDD
Analog supply current
410
322
280
245
mA
(1)
This is specified by design and characterization; it is not tested in production.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6443IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6443IRGC25 TI-ADS6443IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6443IRGC25 TI-ADS6443IRGC25 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6443IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com