Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P25IRGCRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS62P25IRGCRG4
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P25IRGCRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS62P25IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 9Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 10Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 11Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 12Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 13Page - Texas Instruments ADS62P25IRGCRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
www.ti.com
TIMING CHARACTERISTICS
– LVDS AND CMOS MODES
(1)
Typical values are specified at 25
°C, AVDD = DRVDD = 3.3 V, maximum rated sampling frequency, sine wave input clock,
1.5 VPP clock amplitude, CL = 5 pF
(2), I
O = 3.5 mA, RL = 100 Ω
(3), no internal termination, unless otherwise noted.
Min and max values are specified across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.0 V to 3.6 V,
unless otherwise specified.
FS = 65 MSPS
FS = 40 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
PARALLEL CMOS INTERFACE, DRVDD = 1.8 V, MULTIPLEXED MODE, maximum buffer drive strength (4)
Input clock falling edge to
tSTART_CHA
channel A data getting valid (5)
0.8
2.3
8
9.5
ns
(6)
tDV_CHA
Width of valid data window
5.4
6.4
10.3
11.3
ns
Input clock falling edge to
tSTART_CHB
channel A data getting valid (5)
1.1
2.4
8.4
9.7
ns
(6)
tDV_CHB
Width of valid data window
5
6
9.7
10.7
ns
(1)
Timing parameters are specified by design and characterization and not tested in production.
(2)
CL is the effective external single-ended load capacitance between each output pin and ground.
(3)
IO refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
(4)
For DRVDD
< 2.2 V, output clock cannot be used for data capture. A delayed version of the input clock can be used, that gives the
desired setup and hold times at the receiving chip
(5)
Data valid refers to logic high of 1.26V and logic low of 0.54V for DRVDD = 1.8V.
(6)
Measured from zero-crossing of input clock having 50% duty cycle.
Table 2. Timing Characteristics at Lower Sampling Frequencies
SAMPLING
tPDI CLOCK PROPAGATION DELAY,
FREQUENCY,
tsu DATA SETUP TIME, ns
th DATA HOLD TIME, ns
ns
MSPS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CMOS INTERFACE, DRVDD = 2.5 V TO 3.6 V
40
10.5
12
10.3
11.8
5.8
7.3
8.8
20
23
24.5
23
24.5
LVDS INTERFACE, DRVDD = 3.0 V to 3.6 V
40
8.5
10
1
2.3
3.5
5.5
7.5
20
21
22.5
1
2.3
10
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS62P25IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P25IRGCR TI-ADS62P25IRGCR Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P25IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com