Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS62P25IRGCTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS62P25IRGCTG4
Description  DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS62P25IRGCTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS62P25IRGCTG4 Datasheet HTML 2Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 3Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 4Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 5Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 6Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 7Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 8Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 9Page - Texas Instruments ADS62P25IRGCTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
ADS62P24, ADS62P25
ADS62P22, ADS62P23
SLAS576C
– OCTOBER 2007 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Typical values are at 25
°C, AVDD = 3.3 V, DRVDD = 1.8 V to 3.3 V, maximum rated sampling frequency, 50% clock duty
cycle,
–1 dBFS differential analog input, internal reference mode, applies to CMOS and LVDS interfaces, unless otherwise
noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 3.3 V,
unless otherwise noted.
ADS62P25
ADS62P24
ADS62P23
ADS62P22
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
71.3
71.5
71.6
71.6
Fin = 50 MHz
68.5
71.1
71.3
69
71.4
71.4
SNR
Fin = 70 MHz
71
68.5
71.2
71.3
69
71.3
Signal to Noise
dBFS
Ratio
0 dB gain
70.2
70.2
70.3
69.9
Fin = 190
3.5 dB coarse
MHz
69.5
69.5
69.7
69.2
gain
RMS Output
Inputs tied to common-mode
LSB
Noise
Fin = 10 MHz
71
71.3
71.5
71.5
Fin = 50 MHz
68
70.5
70.9
68.5
71.3
71.3
SINAD
Signal to Noise
Fin = 70 MHz
70.7
68
70.9
71.1
68.5
71.1
dBFS
and Distortion
0 dB gain
69.6
69.9
69.8
69.7
Ratio
Fin = 190
3.5 dB coarse
MHz
69.2
69.3
69.5
69.4
gain
ENOB
Fin = 50 MHz
11.0
11.4
11.1
11.6
Effective
Bits
Fin = 70 MHz
11.0
11.5
11.1
11.5
Number of Bits
Fin = 10 MHz
88
92
93
94
Fin = 50 MHz
76
80
83
79
87
87
SFDR
Fin = 70 MHz
86
76
85
89
79
89
Spurious Free
dBc
Dynamic Range
0 dB gain
81
83
83
81
Fin = 190
3.5 dB coarse
MHz
84
86
87
85
gain
Fin = 10 MHz
88
90
92
93
Fin = 50 MHz
74
79
82
76
86
86
THD
Fin = 70 MHz
84.5
75
84
88
77
88
Total Harmonic
dBc
Distortion
0 dB gain
79
80
80
79
Fin = 190
3.5 dB coarse
MHz
81
82
82
82
gain
Fin = 10 MHz
94
93
95
98
Fin = 50 MHz
76
92
93
79
94
97
HD2
Second
Fin = 70 MHz
92
76
93
94
79
96
dBc
Harmonic
0 dB gain
86
86
85
86
Distortion
Fin = 190
3.5 dB coarse
MHz
88
88
88
89
gain
Fin = 10 MHz
88
92
93
94
Fin = 50 MHz
76
80
83
79
87
87
HD3
Fin = 70 MHz
86
76
85
89
79
89
Third Harmonic
dBc
Distortion
0 dB gain
81
83
83
81
Fin = 190
3.5 dB coarse
MHz
84
86
87
85
gain
Fin = 10 MHz
95
96
97
99
Worst Spur
Fin = 50 MHz
94
95
96
98
(Other than
dBc
Fin = 70 MHz
94
95
96
97
HD2, HD3)
Fin = 190 MHz
90
93
95
92
6
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS62P25IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62P25IRGCT TI-ADS62P25IRGCT Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS62P25IRGCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1212D PHILIPS-ADC1212D Datasheet
1Mb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 2-4 March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com