Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6445IRGC25 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS6445IRGC25
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6445IRGC25 Datasheet(HTML) 3 Page - Texas Instruments

  ADS6445IRGC25 Datasheet HTML 1Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 2Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 3Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 4Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 5Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 6Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 7Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 8Page - Texas Instruments ADS6445IRGC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
ADS6445, ADS6444
ADS6443, ADS6442
www.ti.com
SLAS531B – MAY 2007 – REVISED DECEMBER 2009
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
TEMPERATURE
ORDERING NUMBER
MEDIA,
DESIGNATOR
MARKING
RANGE
QUANTITY
ADS6445IRGCT
250, Tape/reel
ADS6445
QFN-64(2)
RGC
–40°C to 85°C
AZ6445
ADS6445IRGCR
2000, Tape/reel
ADS6444IRGCT
250, Tape/reel
ADS6444
QFN-64(2)
RGC
–40°C to 85°C
AZ6444
ADS6444IRGCR
2000, Tape/reel
ADS6443IRGCT
250, Tape/reel
ADS6443
QFN-64(2)
RGC
–40°C to 85°C
AZ6443
ADS6443IRGCR
2000, Tape/reel
ADS6442IRGCT
250, Tape/reel
ADS6442
QFN-64(2)
RGC
–40°C to 85°C
AZ6442
ADS6442IRGCR
2000, Tape/reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θJA = 23.17 °C/W (0 LFM air flow), θJC
= 22.1 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
AVDD
Supply voltage range
–0.3 to 3.9
V
LVDD
Supply voltage range
–0.3 to 3.9
V
Voltage between AGND and DGND
–0.3 to 0.3
V
Voltage between AVDD to LVDD
–0.3 to 3.3
V
Voltage applied to external pin, VCM
–0.3 to 2.0
V
Voltage applied to analog input pins
–0.3V to minimum ( 3.6, AVDD + 0.3V)
V
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
125
°C
Tstg
Storage temperature range
–65 to 150
°C
Lead temperature 1,6 mm (1/16") from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS6445, ADS6444 ADS6443, ADS6442


Similar Part No. - ADS6445IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445IRGC25 TI-ADS6445IRGC25 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445IRGC25 TI-ADS6445IRGC25 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Similar Description - ADS6445IRGC25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445-EP TI-ADS6445-EP Datasheet
3Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6424 TI-ADS6424_10 Datasheet
2Mb / 71P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com