Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8422IPFBR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8422IPFBR
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8422IPFBR Datasheet HTML 1Page - Texas Instruments ADS8422IPFBR Datasheet HTML 2Page - Texas Instruments ADS8422IPFBR Datasheet HTML 3Page - Texas Instruments ADS8422IPFBR Datasheet HTML 4Page - Texas Instruments ADS8422IPFBR Datasheet HTML 5Page - Texas Instruments ADS8422IPFBR Datasheet HTML 6Page - Texas Instruments ADS8422IPFBR Datasheet HTML 7Page - Texas Instruments ADS8422IPFBR Datasheet HTML 8Page - Texas Instruments ADS8422IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
Output
Latches
and
3-State
Drivers
BYTE
16-/8-Bit
ParallelData
OutputBus
SAR
Conversion
and
ControlLogic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
RD
4.096-V
InternalReference
REFOUT
RESET/PD1
PD2
COMMOUT
½
TempSensor
TEMPOUT
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER
SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,
REFERENCE
• DWDM
• Fully Differential Input with Pseudo-Bipolar
Input Range -4 V to +4 V
• Instrumentation
• High-Speed, High-Resolution, Zero Latency
• 16-Bit NMC at 4 MSPS
Data Acquisition Systems
• 1 LSB INL Typ
• Transducer Interface
• 92dB SNR, -102dB THD Typ with 100-kHz
• Medical Instruments
Input
• Spectrum Analysis
• Internal 4.096-V Reference and Reference
• ATE
Buffer
• REFIN/2 Available for Setting Analog Input
Common-Mode Voltage
The ADS8422 is a 16-bit, 4-MHz A/D converter with
• Zero Latency
an internal 4.096-V reference. The device includes a
• High-Speed Parallel Interface
16-bit capacitor-based multi-bit SAR A/D converter
• Single Supply Operation Capability
with inherent sample and hold. This converter
includes a full 16-bit interface and an 8-bit option
• Low Power: 155 mW at 4 MHz Typ, Flexible
where data is read using two 8-bit read cycles if
Power-Down Scheme
necessary.
• Pin-Out Similar to ADS8412/8402
The ADS8422 has a fully differential, pseudo-bipolar
• 48-Pin 9×9 TQFP Package
input. It is available in a 48-lead TQFP package and
is characterized over the industrial -40
°C to +85°C
temperature range.
HIGH-SPEED SAR CONVERTER FAMILY(1)
TYPE/SPEED
500 kHz
~600 kHz
750 kHz
1 MHz
1.25 MHz
2 MHz
3 MHz
4MHz
ADS8383
ADS8381
ADS8481
18-Bit Pseudo-Diff
ADS8380 (s)
18-Bit Pseudo-Bipolar, Fully Diff
ADS8382 (s)
ADS8482
ADS8370 (s)
ADS8371
ADS8471
ADS8401
ADS8411
16-Bit Pseudo-Diff
ADS8327/28 (s)
ADS8372 (s)
ADS8329/30 (s)
ADS8405
ADS8410 (s)
ADS8472
ADS8402
ADS8412
ADS8422
16-Bit Pseudo-Bipolar, Fully Diff
ADS8406
ADS8413 (s)
14-Bit Pseudo-Diff
ADS7890 (s)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7883
ADS7881
(1)
S: Serial
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8422IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422IPFBR BURR-BROWN-ADS8422IPFBR Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422IPFBR TI1-ADS8422IPFBR Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8422IPFBRG4 TI1-ADS8422IPFBRG4 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8422IPFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com