Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34690-9121 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 34690-9121
Description  Stac64??Vertical Header Assembly, 12 Circuits, Polarization B, Gray, Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34690-9121 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  34690-9121 Datasheet HTML 1Page - Molex Electronics Ltd. 34690-9121 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-34729-020
Product Specification
PS-34729-020
Sales Drawing
SD-34690-100
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34690-9121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34690-9120 MOLEX11-34690-9120 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization A, Black, Tube
34690-9122 MOLEX11-34690-9122 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization C, Brown, Tube
More results

Similar Description - 34690-9121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34690-9161 MOLEX11-34690-9161 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 16 Circuits, Polarization B, Gray, Tube
34690-9201 MOLEX11-34690-9201 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization B, Gray, Tube
34690-9081 MOLEX11-34690-9081 Datasheet
45Kb / 2P
   Stac64??Vertical Header Assembly, 8 Circuits, Polarization B, Gray, Tube
34690-0121 MOLEX11-34690-0121 Datasheet
45Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization B, Gray, Tray
34691-9121 MOLEX11-34691-9121 Datasheet
64Kb / 2P
   Stac64??Right Angle Header, 12 Circuits, Polarization B, Gray, Tube
34690-0161 MOLEX11-34690-0161 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 16 Circuits, Polarization B, Gray, Tray
34690-0201 MOLEX11-34690-0201 Datasheet
41Kb / 2P
   Stac64??Vertical Header Assembly, 20 Circuits, Polarization B, Gray, Tray
34690-0081 MOLEX11-34690-0081 Datasheet
45Kb / 2P
   Stac64??Vertical Header Assembly, 8 Circuits, Polarization B, Gray, Tray
34691-0121 MOLEX11-34691-0121 Datasheet
64Kb / 2P
   Stac64??Right Angle Header Assembly, 12 Circuits, Polarization B, Gray, Tray
34690-9122 MOLEX11-34690-9122 Datasheet
46Kb / 2P
   Stac64??Vertical Header Assembly, 12 Circuits, Polarization C, Brown, Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com