Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX384-B9V1 Datasheet(PDF) 2 Page - General Semiconductor

Part # BZX384-B9V1
Description  BZX384
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX384-B9V1 Datasheet(HTML) 2 Page - General Semiconductor

  BZX384-B9V1 Datasheet HTML 1Page - General Semiconductor BZX384-B9V1 Datasheet HTML 2Page - General Semiconductor BZX384-B9V1 Datasheet HTML 3Page - General Semiconductor BZX384-B9V1 Datasheet HTML 4Page - General Semiconductor BZX384-B9V1 Datasheet HTML 5Page - General Semiconductor BZX384-B9V1 Datasheet HTML 6Page - General Semiconductor BZX384-B9V1 Datasheet HTML 7Page - General Semiconductor BZX384-B9V1 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BZX384-C2V4 THRU BZX384-C75
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Type
Marking
Zener
Voltage(1)
at IZT1
Vz (V)
Reverse Leakage
Current
Dynamic
Resistance
at IZT1
rzj
(Ω)
Temp. Coeffi-
cient of Zener
Voltage at
IZT1
α
VZ (10
–4/K)
Test
Current
IZT1 (mA)
Dynamic
Resistance
at
IZT2
rzj
(Ω)
Test
Current
IZT2 (mA)
IR (
µA)
at
VR (V)
BZX384-C2V4
W1
2.20 … 2.60
70 (
≤100)
–3.5 … 0.0
5
275
1.0
50.0
1.0
BZX384-C2V7
W2
2.50 … 2.90
75 (
≤100)
–9.0 … –4.0
5
300 (
≤600)
1.0
20.0
1.0
BZX384-C3
W3
2.80 … 3.20
80 (
≤95)
–9.0 … –3.0
5
325 (
≤600)
1.0
10.0
1.0
BZX384-C3V3
W4
3.10 … 3.50
85 (
≤95)
–8.0 … –3.0
5
350 (
≤600)
1.0
5.00
1.0
BZX384-C3V6
W5
3.40 … 3.80
85 (
≤90)
–8.0 … –3.0
5
375 (
≤600)
1.0
5.00
1.0
BZX384-C3V9
W6
3.70 … 4.10
85 (
≤90)
–7.0 … –3.0
5
400 (
≤600)
1.0
3.00
1.0
BZX384-C4V3
W7
4.00 … 4.60
80 (
≤90)
–6.0 … –1.0
5
410 (
≤600)
1.0
3.00
1.0
BZX384-C4V7
W8
4.40 … 5.00
50 (
≤80)
–5.0 … +2.0
5
425 (
≤500)
1.0
3.00
2.0
BZX384-C5V1
W9
4.80 … 5.40
40 (
≤60)
–3.0 … +4.0
5
400 (
≤480)
1.0
2.00
2.0
BZX384-C5V6
WA
5.20 … 6.00
15 (
≤40)
–2.0 … +6.0
5
80 (
≤400)
1.0
1.00
2.0
BZX384-C6V2
WB
5.80 … 6.60
6.0 (
≤10)
–1.0 … +7.0
5
40 (
≤150)
1.0
3.00
4.0
BZX384-C6V8
WC
6.40 … 7.20
6.0 (
≤15)
+2.0 … +7.0
5
30 (
≤80)
1.0
2.00
4.0
BZX384-C7V5
WD
7.00 … 7.90
6.0 (
≤15)
+3.0 … +7.0
5
30 (
≤80)
1.0
1.00
5.0
BZX384-C8V2
WE
7.70 … 8.70
6.0 (
≤15)
+4.0 … +7.0
5
40 (
≤80)
1.0
0.70
5.0
BZX384-C9V1
WF
8.50 … 9.60
6.0 (
≤15)
+5.0 … +8.0
5
40 (
≤100)
1.0
0.50
6.0
BZX384-C10
WG
9.40 … 10.6
8.0 (
≤20)
+5.0 … +8.0
5
50 (
≤150)
1.0
0.20
7.0
BZX384-C11
WH
10.4 … 11.6
10 (
≤20)
+5.0 … +9.0
5
50 (
≤150)
1.0
0.10
8.0
BZX384-C12
WI
11.4 … 12.7
10 (
≤25)
+6.0 … +9.0
5
50 (
≤150)
1.0
0.10
8.0
BZX384-C13
WK
12.4 … 14.1
10 (
≤30)
+7.0 … +9.0
5
50 (
≤170)
1.0
0.10
8.0
BZX384-C15
WL
13.8 … 15.6
10 (
≤30)
+7.0 … +9.0
5
50 (
≤200)
1.0
0.05
0.7 VZnom.
BZX384-C16
WM
15.3 … 17.1
10 (
≤40)
+8.0 … +9.5
5
50 (
≤200)
1.0
0.05
0.7 VZnom.
BZX384-C18
WN
16.8 … 19.1
10 (
≤45)
+8.0 … +9.5
5
50 (
≤225)
1.0
0.05
0.7 VZnom.
BZX384-C20
WO
18.8 … 21.2
15 (
≤55)
+8.0 … +10
5
60 (
≤225)
1.0
0.05
0.7 VZnom.
BZX384-C22
WP
20.8 … 23.3
20 (
≤55)
+8.0 … +10
5
60 (
≤250)
1.0
0.05
0.7 VZnom.
BZX384-C24
WR
22.8 … 25.6
25 (
≤70)
+8.0 … +10
5
60 (
≤250)
1.0
0.05
0.7 VZnom.
BZX384-C27
WS
25.1 … 28.9
25 (
≤80)
+8.0 … +10
2
65 (
≤300)
0.5
0.05
0.7 VZnom.
BZX384-C30
WT
28.0 … 32.0
30 (
≤80)
+8.0 … +10
2
70 (
≤300)
0.5
0.05
0.7 VZnom.
BZX384-C33
WU
31.0 … 35.0
35 (
≤80)
+8.0 … +10
2
75 (
≤325)
0.5
0.05
0.7 VZnom.
BZX384-C36
WW
34.0 … 38.0
35 (
≤90)
+8.0 … +10
2
80 (
≤350)
0.5
0.05
0.7 VZnom.
BZX384-C39
WX
37.0 … 41.0
40 (
≤130) +10.0 … +12
2
80 (
≤350)
0.5
0.05
0.7 VZnom.
BZX384-C43
WY
40.0 … 46.0
45 (
≤150) +10.0 … +12
2
85 (
≤375)
0.5
0.05
0.7 VZnom.
BZX384-C47
WZ
44.0 … 50.0
50 (
≤170) +10.0 … +12
2
85 (
≤375)
0.5
0.05
0.7 VZnom.
BZX384-C51
X1
48.0 … 54.0
60 (
≤180) +10.0 … +12
2
85 (
≤400)
0.5
0.05
0.7 VZnom.
BZX384-C56
X2
52.0 … 60.0
70 (
≤200)
+9.0 … +11
2
100 (
≤425)
0.5
0.05
0.7 VZnom.
BZX384-C62
X3
58.0 … 66.0
80 (
≤215)
+9.0 … +12
2
100 (
≤450)
0.5
0.05
0.7 VZnom.
BZX384-C68
X4
64.0 … 72.0
90 (
≤240) +10.0 … +12
2
150 (
≤475)
0.5
0.05
0.7 VZnom.
BZX384-C75
X5
70.0 … 79.0
95 (
≤255) +10.0 … +12
2
170 (
≤500)
0.5
0.05
0.7 VZnom.
NOTES:
(1) Measured with pulses tp = 5 ms


Similar Part No. - BZX384-B9V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384-B9V1 PHILIPS-BZX384-B9V1 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
BZX384-B9V1 NXP-BZX384-B9V1 Datasheet
690Kb / 11P
   Voltage regulator diodes
2004 Mar 22
logo
Nexperia B.V. All right...
BZX384-B9V1 NEXPERIA-BZX384-B9V1 Datasheet
320Kb / 14P
   Voltage regulator diodes
Rev. 4 - 1 January 2023
BZX384-B9V1-Q NEXPERIA-BZX384-B9V1-Q Datasheet
306Kb / 14P
   Voltage regulator diodes
Rev. 1 - 6 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com