Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78RH33RTF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA78RH33RTF
Description  Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78RH33RTF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA78RH33RTF Datasheet HTML 1Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 2Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 3Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 4Page - Fairchild Semiconductor KA78RH33RTF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA78RH33R Rev. 1.1.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Temperature Characteristics
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Electrical Characteristics
Refer to the test circuit, values are at VIN = 5 V, CO = 10 μF, and TA = 25°C,unless otherwise specified.
Symbol
Parameter
Value
Unit
VIN
Power Supply Input Voltage
15
V
IO
Output Load Current
800
mA
TJ
Junction Temperature
150
°C
TOPR
Operating Junction Temperature
-25 to 125
°C
TSTG
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
ΔVO / ΔT
Temperature Coefficient of Output Voltage
±0.02
%/
°C
Symbol
Parameter
Value
Unit
RθJA
Thermal Resistance, Junction to Ambient
110
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
IO = 10 mA, TJ = 25°C
3.27
3.30
3.33
V
VOUT
Output Voltage
VIN = 4.8 V to 12 V,
IO = 10 mA to 800 mA,
TJ = -25°C to 125°C
3.23
3.30
3.37
V
Rline
Line Regulation
VIN = 4.8 V to 12 V, IO = 10 mA
1
10
mV
Rload
Load Regulation
IO = 10 mA to 800 mA
1
20
mV
RR
Ripple Rejection
f = 120 Hz, IO = 500 mA,
VIN = 6.3 ± 1 Vrms
55
dB
Vdrop
Dropout Voltage
IO = 100 mA
1.00
1.20
V
IO = 500 mA
1.05
1.25
IO = 800 mA
1.10
1.40
Iq
Quiescent Current
VIN ≤ 12 V
5
10
mA
ΔVO / ΔT
Temperature Coefficient
of Output Voltage
TJ = -25°C to 125°C,
IO = 10 mA
0.2
mV/
°C
Ipk
Peak Output Current
VIN = 6.3 V
800
mA
Vn
Output Noise Voltage
f = 10 Hz to 10 kHz
100
μVrms


Similar Part No. - KA78RH33RTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RH33 FAIRCHILD-KA78RH33 Datasheet
61Kb / 6P
   Semi Low Dropout Voltage Regulator
More results

Similar Description - KA78RH33RTF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com