Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2200 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2200
Description  Low Voltage Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2200 Datasheet HTML 7Page - ON Semiconductor NCS2200 Datasheet HTML 8Page - ON Semiconductor NCS2200 Datasheet HTML 9Page - ON Semiconductor NCS2200 Datasheet HTML 10Page - ON Semiconductor NCS2200 Datasheet HTML 11Page - ON Semiconductor NCS2200 Datasheet HTML 12Page - ON Semiconductor NCS2200 Datasheet HTML 13Page - ON Semiconductor NCS2200 Datasheet HTML 14Page - ON Semiconductor NCS2200 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
http://onsemi.com
11
VCC
OUT
IN (+)
IN (−)
NCS
2200
OUT
IN (+)
IN (−)
NCS
2202
+5 V
100 k
+3 V Logic Output
Figure 20. Logic Level Translator
100 mV
Figure 21. Zero−Crossing Detector
100 k
+3 V
R pullup
+5 V Logic Input
This circuit converts 5 V logic to 3 V logic. Using the
NCS2202/3 allows for full 5 V logic swing without creating
overvoltage on the 3 V logic input.


Similar Part No. - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
NCS2200A ONSEMI-NCS2200A Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
More results

Similar Description - NCS2200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com