Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2202A Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2202A
Description  Low Voltage Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2202A Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2202A Datasheet HTML 1Page - ON Semiconductor NCS2202A Datasheet HTML 2Page - ON Semiconductor NCS2202A Datasheet HTML 3Page - ON Semiconductor NCS2202A Datasheet HTML 4Page - ON Semiconductor NCS2202A Datasheet HTML 5Page - ON Semiconductor NCS2202A Datasheet HTML 6Page - ON Semiconductor NCS2202A Datasheet HTML 7Page - ON Semiconductor NCS2202A Datasheet HTML 8Page - ON Semiconductor NCS2202A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25°C, unless otherwise noted.) (Note 6)
Characteristics
Symbol
NCS2200A/NCS2202A*
Unit
Min
Typ
Max
Input Hysteresis TA = 25°C
VHYS
2.0
4.5
20
mV
Input Offset Voltage
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
VIO
−10
−12
−6.0
−8.0
−5.0
−7.0
0.5
0.5
0.5
+10
+12
+6.0
+8.0
+5.0
+7.0
mV
Common Mode Voltage Range
VCM
VEE to VCC
V
Output Short−Circuit Sourcing or Sinking (Vout = GND)
ISC
60
mA
Common Mode Rejection Ratio VCM = VCC
CMRR
53
70
dB
Input Bias Current
IIB
1.0
pA
Power Supply Rejection Ratio DVS = 2.575 V
PSRR
45
80
dB
Supply Current
VCC = 0.85 V
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V
TA = 25°C
TA = −40°C to 105°C
ICC
7.5
8.0
9.0
15
17
15
17
15
17
mA
Output Voltage High
VCC = 0.85 V, Isource = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isource = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isource = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOH
VCC − 0.25
VCC − 0.275
VCC − 0.3
VCC − 0.35
VCC − 0.3
VCC − 0.35
VCC − 0.10
VCC − 0.12
VCC − 0.12
V
Output Voltage Low
VCC = 0.85 V, Isink = 0.5 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 3.0 V, Isink = 3.0 mA
TA = 25°C
TA = −40°C to 105°C
VCC = 6.0 V, Isink = 5.0 mA
TA = 25°C
TA = −40°C to 105°C
VOL
VEE + 0.10
VEE + 0.12
VEE + 0.12
VEE + 0.25
VEE + 0.275
VEE + 0.3
VEE + 0.35
VEE + 0.3
VEE + 0.35
V
Propagation Delay 20 mV Overdrive, CL = 15 pF
tPHL
tPLH
460
500
ns
Propagation Delay 20 mV Overdrive, CL = 15 pF, 2.85 V
tPHL
tPLH
410
500
ns
Propagation Delay 50 mV Overdrive, CL = 15 pF, 2.85 V
tPHL
tPLH
280
350
ns
Propagation Delay 100 mV Overdrive, CL = 15 pF, 2.85 V
tPHL
tPLH
230
300
ns
Output Fall Time VCC = 6.0 V, CL = 50 pF (Note 7)
tFALL
20
ns
Output Rise Time VCC = 6.0 V, CL = 50 pF (Note 7)
tRISE
16
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*Product under development.
6. The limits over the extended temperature range are guaranteed by design only.
7. Input signal: 1 kHz, squarewave signal with 10 ns edge rate.


Similar Part No. - NCS2202A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2202A ONSEMI-NCS2202A Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202AMUTBG ONSEMI-NCS2202AMUTBG Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202AMUTBG ONSEMI-NCS2202AMUTBG Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2202AMUTBG ONSEMI-NCS2202AMUTBG Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results

Similar Description - NCS2202A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200 Datasheet
152Kb / 18P
   Low Voltage Comparators
March, 2005 ??Rev. 6
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
Rohm
BU7251G ROHM-BU7251G Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
   Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
   Quad Low-Power Voltage Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com