Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR308S31ESU Datasheet(PDF) 8 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation PR308S31ESU Datasheet HTML 10Page - Sharp Corporation PR308S31ESU Datasheet HTML 11Page - Sharp Corporation PR308S31ESU Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
PR308S31ESU
■ Design Considerations
In order for the SSR to turn off, the triggering current (lF) must be 0.1mA or less.
In phase control applications or where the SSR is being by a pulse signal, please ensure that the pulse width
is a minimum of 1ms.
For over voltage protection, a varistor may be used.
A varistor used for the above mentioned scenarios should be located as close to the main output triac as
possible.
The load current should be within the bounds of derating curve. (Refer to Fig.2)
Also, please use the optional heat sink when necessary.
In case the optional heat sink is used and the isolation voltage between the device and the optional heat sink
is needed, please locate the insulation sheet between the device and the heat sink.
When the optional heat sink is equipped, please set up the M3 screw-fastening torque at 0.3 to 0.5N•m.
In order to dissipate the heat generated from the inside of device effectively, please follow the below sugges-
tions.
(a) Make sure there are no warps or bumps on the heat sink, insulation sheet and device surface.
(b) Make sure there are no metal dusts or burrs attached onto the heat sink, insulation sheet and device sur-
face.
(c) Make sure silicone grease is evenly spread out on the heat sink, insulation sheet and device surface.
Silicone grease to be used is as follows;
1) There is no aged deterioration within the operating temperature ranges.
2) Base oil of grease is hardly separated and is hardly permeated in the device.
3) Even if base oil is separated and permeated in the device, it should not degrade the function of a device.
Recommended grease : G-746 (Shin-Etsu Chemical Co., Ltd.)
: G-747 (Shin-Etsu Chemical Co., Ltd.)
: SC102 (Dow Corning Toray Silicone Co., Ltd.)
In case the optional heat sink is screwed up, please solder after screwed.
● Design guide
Sheet No.: D4-A03601EN
Recommended Operating Conditions
Parameter
Symbol
Unit
Input
Output
Input signal current at ON state
Input signal current at OFF state
Load supply voltage
Load supply current
Frequency
Operating temperature
IF(ON)
IF(OFF)
VOUT(rms)
IOUT(rms)
f
Topr
mA
mA
V
mA
Hz
˚C
Conditions
30
0.1
240
IT(rms)
×80%()
63
80
20
0
80
0.1
47
−20
MIN.
MAX.
() See Fig.2 about derating curve (IT(rms) vs. ambient temperature).


Similar Part No. - PR308S31ESU

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR30 CML-PR30 Datasheet
222Kb / 1P
   B-6 Single Bayonet Base
logo
Visual Communications C...
PR30 VCC-PR30 Datasheet
26Kb / 1P
   Single Bayonet Base
logo
List of Unclassifed Man...
PR30-10DN ETC2-PR30-10DN Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR30-10DN2 ETC2-PR30-10DN2 Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
PR30-10DP ETC2-PR30-10DP Datasheet
136Kb / 6P
   Cylindrical Type Proximity Sensor
More results

Similar Description - PR308S31ESU

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
   IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
logo
SanRex Corporation
TMG25CQ60F SANREX-TMG25CQ60F Datasheet
70Kb / 2P
   IT(RMS)=25A, High Surge Current, Low Voltage Drop, Lead-Free Package
logo
Sharp Corporation
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com