Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA020-060-35-13 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA020-060-35-13
Description  2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-060-35-13 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA020-060-35-13 Datasheet HTML 1Page - Transcom, Inc. TA020-060-35-13 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA020-060-35-13
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
FEATURES
P1dB: 13dBm, min.
Small Signal Gain: 35dB, min.
Bias Condition: 120mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
2
6
GHz
SSG
Small Signal Gain
35
39
dB
GOF
Small Signal Gain Flatness
±
±±
±0.8
dB
NF
Noise Figure
2.3
dB
P1dB
Output Power at 1 dB Gain Compression
13
dBm
IP3
The Third Intercept Point
23
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
13
Volt
Idc
Current Supply
120
mA
OTR
Operating Temperature Range
-30
70
°C
Housing: HG3, with SMA female removable connectors, unit is inch


Similar Part No. - TA020-060-35-13

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
TA020-060-30-30 TRANSCOM-TA020-060-30-30 Datasheet
102Kb / 2P
   2 ~ 6 GHz 30dBm Amplifier
TA020-060-30-33 TRANSCOM-TA020-060-30-33 Datasheet
61Kb / 2P
   2 ~ 6GHz 33dBm PowerAmplifier
TA020-060-36-34 TRANSCOM-TA020-060-36-34 Datasheet
18Kb / 1P
   2 - 6 GHz 33 dBm Amplifier
More results

Similar Description - TA020-060-35-13

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-060-22-13 TRANSCOM-TA020-060-22-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 22dB Gain 13dBm Power Amplifier
TA020-060-24-21 TRANSCOM-TA020-060-24-21 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 21dBm Power Amplifier
TA020-060-24-23 TRANSCOM-TA020-060-24-23 Datasheet
63Kb / 2P
   2 ~ 6GHz 24dB Gain 23dBm Power Amplifier
TA020-060-30-27 TRANSCOM-TA020-060-30-27 Datasheet
63Kb / 2P
   2 ~ 6GHz 30dB Gain 27dBm Power Amplifier
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
TA060-120-35-33 TRANSCOM-TA060-120-35-33 Datasheet
68Kb / 2P
   6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2578 TRIQUINT-TGA2578 Datasheet
576Kb / 13P
   2-6GHz 30W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789 Datasheet
691Kb / 14P
   2 - 6GHz High Linearity Gain Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com