Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7852YB2KG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS7852YB2KG4
Description  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7852YB2KG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7852YB2KG4 Datasheet HTML 6Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 7Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 8Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 9Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 10Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 11Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 12Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 13Page - Texas Instruments ADS7852YB2KG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADS7852
SBAS111C
10
ANALOG INPUTS
The ADS7852 features eight single-ended inputs. While the
static current into each analog input is basically zero, the
dynamic current depends on the input voltage and sample
rate. The current into the device must charge the internal
hold capacitor during the sample period. After this capacitor
has been fully charged, no further input current is required.
For optimum performance, the source driving the analog
inputs must be capable of charging the input capacitance to
a 12-bit settling level within the sample period. This can be
as little as 350ns in some operating modes. While the
converter is in the hold mode, or after the sampling capacitor
has been fully charged, the input impedance of the analog
input is greater than 1G
Ω.
REFERENCE
The reference voltage on the VREF pin establishes the full-
scale range of the analog input. The ADS7852 can operate
with a reference in the range of 2.0V to 2.55V corresponding
to a full-scale range of 4.0V to 5.1V.
The voltage at the VREF pin is internally buffered, and this
buffer drives the capacitor DAC portion of the converter.
This feature is important because the buffer greatly reduces
the dynamic load placed on the reference source. Since the
voltage at VREF will be unavoidably affected by noise and
glitches generated during the conversion process, it is highly
recommended that the VREF pin be bypassed to ground as
outlined in the sections that follow.
INTERNAL REFERENCE
The ADS7852 contains an onboard 2.5V reference, resulting
in a 0V to 5V input range on the analog input. The Specifi-
cations Table gives the various specifications for the internal
reference. This reference can be used to supply a small
amount of source current to an external load but the load
should be static. Due to the internal 10k
Ω resistor, a dy-
namic load will cause variations in the reference voltage,
and will dramatically affect the conversion result. Note that
even a static load will reduce the internal reference voltage
seen at the buffer input. The amount of reduction depends on
the load and the actual value of the internal 10k
Ω resistor.
The value of this resistor can vary by
±30%.
The VREF pin should be bypassed with a 0.1µF ceramic
capacitor placed as close to the ADS7852 as possible. In
addition, a 2.2
µF tantalum capacitor should be used in
parallel with the ceramic capacitor.
EXTERNAL REFERENCE
The internal reference is connected to the VREF pin and to the
internal buffer via an on-chip 10k
Ω series resistor. Because of
this configuration, the internal reference voltage can easily be
overridden by an external reference voltage. The voltage range
for the external voltage is 2.00V to 2.55V, corresponding to an
analog input range of 4.0V to 5.1V.
While the external reference will not have to provide significant
dynamic current to the VREF in, it does have to drive the series
10k
Ω resistor that is connected to the 2.5V internal reference.
Accounting for the maximum difference between the external
reference voltage and the internal reference voltage, and the
processing variations for the on-chip 10k
Ω resistor, this current
can be as high as 75
µA. In addition, the V
REF pin should still
be bypassed to ground with at least a 0.1
µF ceramic capacitor
placed as close to the ADS7852 as possible. Depending on the
particular reference and A/D conversion speed, additional
bypass capacitance may be required, such as the 2.2
µF tanta-
lum capacitor shown in the Typical Circuit Configuration
(Figure 1). Close attention should be paid to the stability of any
external reference source that is driving the large bypass
capacitors present at the VREF pin.
BASIC OPERATION
Figure 1 shows the simple circuit required to operate the
ADS7852 with Channel 0 selected. A conversion can be
initiated by bringing the WR pin (pin 27) LOW for a
minimum of 35ns. BUSY (pin 28) will output a LOW during
the conversion process and rises only after the conversion is
complete. The 12 bits of output data will be valid on pins 15
through 26 following the rising edge of BUSY.
STARTING A CONVERSION
A conversion is initiated on the falling edge of the WR
input, with valid signals on A0, A1, A2, and CS. The
ADS7852 will enter the conversion mode on the first rising
edge of the external clock following the WR pin going
LOW. The conversion process takes 13.5 clock cycles (1.5
cycles for the DB0 decision, 2 clock cycles for the DB5
decision, and 1 clock cycle for each of the other bit deci-
sions). This allows 2.5 clock cycles for sampling. Upon
initiating a conversion, the BUSY output will go LOW
approximately 20ns after the falling edge of the WR pin.
The BUSY output will return HIGH just after the ADS7852
has finished a conversion and the output data will be valid
on pins 15 through 26. The rising edge of BUSY can be used
to latch the output data into an external device. It is recom-
mended that the data be read immediately after each conver-
sion since the switching noise of the asynchronous data
transfer can cause digital feedthrough degrading the con-
verter performance (see Figure 2).
CHANNEL ADDRESSING
The selection of the analog input channel to be converted is
controlled by address pins A0, A1, and A2. This channel
becomes active on the rising edge of WR with CS held LOW.
The data on the address pins should be stable for at least 10ns
prior to WR going HIGH.
The address pins are also used to control the power-down
functions of the ADS7852. Careful attention must be paid to
the status of the address pins following each conversion. If
the user does not want the ADS7852 to enter either of the
power-down modes following a conversion, the A0 and A1
pins must be LOW when RD and CS are returned HIGH after
reading the data at the end of a conversion (see the Power-
Down Mode section of this data sheet for more details).


Similar Part No. - ADS7852YB2KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852YB BURR-BROWN-ADS7852YB Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852YB/250 TI1-ADS7852YB/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/250G4 TI1-ADS7852YB/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852YB/2K TI1-ADS7852YB/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7852YB2KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com