Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7825 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS7825
Description  4 Channel, 16-Bit Sampling CMOS A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7825 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7825_14 Datasheet HTML 2Page - Texas Instruments ADS7825_14 Datasheet HTML 3Page - Texas Instruments ADS7825_14 Datasheet HTML 4Page - Texas Instruments ADS7825_14 Datasheet HTML 5Page - Texas Instruments ADS7825_14 Datasheet HTML 6Page - Texas Instruments ADS7825_14 Datasheet HTML 7Page - Texas Instruments ADS7825_14 Datasheet HTML 8Page - Texas Instruments ADS7825_14 Datasheet HTML 9Page - Texas Instruments ADS7825_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
®
ADS7825
20.4
20.2
20
19.8
19.6
–50
–25
0
25
50
75
Temperature (°C)
CONVERSION TIME vs TEMPERATURE
100
0.2
0
–0.2
–25
–50
0
25
50
75
100
0.2
0
–0.2
2
1
0
–1
–2
BPZ Error
+FS Error
–FS Error
ENDPOINT ERRORS
Temperature (°C)
110
105
100
95
90
85
80
–110
–105
–100
–95
–90
–85
–80
–50
–25
0
25
50
75
Temperature (°C)
A. C. PARAMETERS vs TEMPERATURE
(f
IN = 1kHz, –0.1dB)
100
SFDR
SNR
THD
SINAD
3
2
1
0
–1
–2
–3
0
8192
16384
24576
32768
40960
49152
57344
65535
Decimal Code
3
2
1
0
–1
–2
–3
0
8192
16384
24576
32768
40960
49152
57344
65535
Decimal Code
All Codes INL
All Codes DNL
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, fS = 40kHz, VS1 = VS2 = +5V, using internal reference, unless otherwise noted.
POWER SUPPLY RIPPLE SENSITIVITY
INL/DNL DEGRADATION PER LSB OF P-P RIPPLE
Power Supply Ripple Frequency (Hz)
101
102
103
104
105
106
107
1
10–1
10–2
10–3
10–4
10–5
INL
DNL
2.520
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
–50
–25
0
25
50
75
Temperature (°C)
INTERNAL REFERENCE VOLTAGE
vs TEMPERATURE
100


Similar Part No. - ADS7825_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825P BURR-BROWN-ADS7825P Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
ADS7825PB BURR-BROWN-ADS7825PB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
ADS7825U BURR-BROWN-ADS7825U Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
ADS7825UB BURR-BROWN-ADS7825UB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7825_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com