Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7825UBG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS7825UBG4
Description  4 Channel, 16-Bit Sampling CMOS A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7825UBG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7825UBG4 Datasheet HTML 5Page - Texas Instruments ADS7825UBG4 Datasheet HTML 6Page - Texas Instruments ADS7825UBG4 Datasheet HTML 7Page - Texas Instruments ADS7825UBG4 Datasheet HTML 8Page - Texas Instruments ADS7825UBG4 Datasheet HTML 9Page - Texas Instruments ADS7825UBG4 Datasheet HTML 10Page - Texas Instruments ADS7825UBG4 Datasheet HTML 11Page - Texas Instruments ADS7825UBG4 Datasheet HTML 12Page - Texas Instruments ADS7825UBG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
®
ADS7825
Hi-Z State
BUSY
R/C
DATA
BUS
High Byte
t
3
t
4
t
21
t
21
t
1
t
21
t
21
BYTE
t
21
t
21
t
21
t
21
t
21
t
21
Hi-Z State
Low Byte
Hi-Z State
t
9
t
12
t
9
t
12
CS
FIGURE 2. Conversion Timing with Parallel Output (CS LOW).
t
10
BUSY
R/C
MODE
Acquire
Convert
t
11
t
7
t
6
t
3
t
4
t
1
Acquire
Convert
t
8
t
6
t
3
Parallel
Data Bus
Previous
High Byte Valid
t
12
Hi-Z
Not Valid
t
2
t
9
High Byte
Valid
t
12
t
9
t
12
BYTE
t
1
Previous Low
Byte Valid
Previous High
Byte Valid
Low Byte
Valid
High Byte
Valid
t
12
Hi-Z
t
12
t
12
t
5
FIGURE 3. Using CS to Control Conversion and Read Timing with Parallel Outputs.
FIGURE 4. Serial Data Timing Using Internal Data Clock (TAG LOW).
1
MSB Valid
Hi-Z
CS or R/C(1)
DATACLK
SDATA
BUSY
t
7 + t8
t
16
t
15
t
14
t
26
t
13
t
25
2
3
15
16
Bit 14 Valid
Bit 1 Valid
Bit 13 Valid
LSB Valid
Hi-Z
NOTE: (1) If controlling with CS, tie R/C LOW. If controlling with R/C, tie CS LOW.
1
MSB Valid
2
Bit 14 Valid
(Results from previous conversion.)


Similar Part No. - ADS7825UBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825UB BURR-BROWN-ADS7825UB Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7825UBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7824 BURR-BROWN-ADS7824 Datasheet
344Kb / 16P
   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Burr-Brown (TI)
ADC701 BURR-BROWN-ADC701 Datasheet
110Kb / 15P
   16-Bit 512kHz SAMPLING A/D CONVERTER SYSTEM
logo
API Technologies Corp
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com