Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS7800
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7800_14 Datasheet HTML 1Page - Texas Instruments ADS7800_14 Datasheet HTML 2Page - Texas Instruments ADS7800_14 Datasheet HTML 3Page - Texas Instruments ADS7800_14 Datasheet HTML 4Page - Texas Instruments ADS7800_14 Datasheet HTML 5Page - Texas Instruments ADS7800_14 Datasheet HTML 6Page - Texas Instruments ADS7800_14 Datasheet HTML 7Page - Texas Instruments ADS7800_14 Datasheet HTML 8Page - Texas Instruments ADS7800_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ADS7800
3
SBAS001A
www.ti.com
SPECIFICATIONS (CONT)
ELECTRICAL
At TA = TMIN to TMAX, Sampling Frequency, fS, = 333kHz, –VS = –15V, VS = +5V, unless otherwise specified.
ADS7800JP/JU/AH
ADS7800KP/KU/BH
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification
JP/JU/KP/KU
0
+70
*
*
°C
AH/BH
–40
+85
*
*
°C
Operating
JP/KP/JU/KU
–40
+85
*
*
°C
Storage
–65
+150
*
*
°C
* Same as specification for ADS7800JP/JU/AH.
NOTES: (1) Adjustable to zero with external potentiometer. (2) LSB means Least Significant Bit. For ADS7800, 1LSB = 2.44mV for the
±5V range, 1LSB =
4.88mV for the
±10V range. (3) Noise was characterized over temperature near full scale, 0V, and negative full scale. 0.1LSB represents a typical rms level of
noise at the worst case, which was near full scale input at +125
°C. (4) All specifications in dB are referred to a full-scale input, either ±10V or ±5V. (5) For full
scale step input, 12-bit accuracy attained in specified time. (6) Recovers to specified performance in specified time after 2 x FS input overvoltage.
ABSOLUTE MAXIMUM RATINGS
–VS to ANALOG COMMON ............................................................ –16.5V
VS to DIGITAL COMMON .................................................................... +7V
Pin 23 (VSD ) to Pin 24 (VSA ) ........................................................... ±0.3V
ANALOG COMMON to DIGITAL COMMON .......................................
±1V
Control Inputs to DIGITAL COMMON ............................. –0.3 to VS + 0.3V
Analog Input Voltage ..........................................................................
±20V
Maximum Junction Temperature ..................................................... 160
°C
Internal Power Dissipation ............................................................. 750mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
Thermal Resistance,
θ
JA:
Plastic DIP ................................................................................ 100
°C/W
SOIC ......................................................................................... 100
°C/W
Ceramic ...................................................................................... 50
°C/W
ELECTROSTATIC
DISCHARGE SENSITIVITY
The ADS7800 is an ESD (electrostatic discharge) sensitive
device. The digital control inputs have a special FET struc-
ture, which turns on when the input exceeds the supply by
18V, to minimize ESD damage. However, permanent damage
may occur on unconnected devices subject to high energy
electrostatic fields. When not in use, devices must be stored in
conductive foam or shunts. The protective foam should be
discharged to the destination socket before devices are re-
moved.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see
the Package Option Addendum located at the end of this data
sheet.


Similar Part No. - ADS7800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800 TI1-ADS7800_15 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com