Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS7800
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7800_14 Datasheet HTML 1Page - Texas Instruments ADS7800_14 Datasheet HTML 2Page - Texas Instruments ADS7800_14 Datasheet HTML 3Page - Texas Instruments ADS7800_14 Datasheet HTML 4Page - Texas Instruments ADS7800_14 Datasheet HTML 5Page - Texas Instruments ADS7800_14 Datasheet HTML 6Page - Texas Instruments ADS7800_14 Datasheet HTML 7Page - Texas Instruments ADS7800_14 Datasheet HTML 8Page - Texas Instruments ADS7800_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS7800
4
SBAS001A
www.ti.com
PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1IN1
±10V Analog Input. Connected to GND for ±5V range.
2IN2
±5V Analog Input. Connected to GND for ±10V range.
3
REF
+2V Reference Output. Bypass to GND with 22
µF to
47
µF Tantalum. Buffer for external loads.
4
AGND
Analog Ground. Connect to pin 13.
5
D11
Data Bit 11. Most Significant Bit (MSB).
6
D10
Data Bit 10.
7
D9
Data Bit 9.
8
D8
Data Bit 8.
9
D7
Data Bit 7 if HBE is LOW; LOW if HBE is HIGH.
10
D6
Data Bit 6 if HBE is LOW; LOW if HBE is HIGH.
11
D5
Data Bit 5 if HBE is LOW; LOW if HBE is HIGH.
12
D4
Data Bit 4 if HBE is LOW; LOW if HBE is HIGH.
13
DGND
Digital Ground. Connect to pin 4.
14
D3
Data Bit 3 if HBE is LOW; Data Bit 11 if HBE is HIGH.
15
D2
Data Bit 2 if HBE is LOW; Data Bit 10 if HBE is HIGH.
16
D1
Data Bit 1 if HBE is LOW; Data Bit 9 if HBE is HIGH.
17
D0
Data Bit 0 if HBE is LOW. Least Significant Bit (LSB);
Data Bit 8 if HBE is HIGH.
18
HBE
High Byte Enable. When held LOW, data output as 12
bits in parallel. When held HIGH, four MSBs presented on
pins 14-17, pins 9-12 output LOWs. Must be LOW to
initiate conversion.
19
R/C
Read/Convert. Falling edge initiates conversion when CS
is LOW, HBE is LOW, and BUSY is HIGH.
20
CS
Chip Select. Outputs in Hi-Z state when HIGH. Must be
LOW to initiate conversion or read data.
21
BUSY
Busy. Output LOW during conversion. Data valid on rising
edge in Convert Mode.
22
–VS
Negative Power Supply. –12V or –15V. Bypass to GND.
23
VSD
Positive Digital Power Supply. +5V. Connect to pin 24,
and bypass to GND.
24
VSA
Positive Analog Power Supply. +5V. Connect to pin 23,
and bypass to GND.
PIN CONFIGURATION
Top View
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
IN1
IN2
REF
AGND
D11
D10
D9
D8
D7
D6
D5
D4
24
23
22
21
20
19
18
17
16
15
14
13
V
V
–V
BUSY
CS
R/C
HBE
D0
D1
D2
D3
DGND
SA
SD
S


Similar Part No. - ADS7800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800 TI1-ADS7800_15 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com