Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800AH Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7800AH
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800AH Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7800AH Datasheet HTML 4Page - Texas Instruments ADS7800AH Datasheet HTML 5Page - Texas Instruments ADS7800AH Datasheet HTML 6Page - Texas Instruments ADS7800AH Datasheet HTML 7Page - Texas Instruments ADS7800AH Datasheet HTML 8Page - Texas Instruments ADS7800AH Datasheet HTML 9Page - Texas Instruments ADS7800AH Datasheet HTML 10Page - Texas Instruments ADS7800AH Datasheet HTML 11Page - Texas Instruments ADS7800AH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADS7800
8
SBAS001A
www.ti.com
FIGURE 6. Convert Mode: R/C Pulse LOW — Outputs Enabled After Conversion.
INTERNAL CLOCK
The ADS7800 has an internal clock that is factory trimmed
to achieve a typical conversion time of 2.47
µs, and a
maximum conversion time over the full operating tempera-
ture range of 2.7
µs. No external adjustments are required,
and with the guaranteed maximum acquisition time of
300ns, throughput performance is assured with convert
pulses as close as 3
µs.
READING DATA
After conversion is initiated, the output buffers remain in a
Hi-Z state until the following three logic conditions are
simultaneously met: R/C is HIGH, BUSY is HIGH and CS
is LOW. Upon satisfaction of these conditions, the data lines
are enabled according to the state of HBE. See Figure 9 and
Table III for timing relationships and specifications.
CALIBRATION
OPTIONAL EXTERNAL GAIN AND OFFSET TRIM
Offset and full-scale errors may be trimmed to zero using
external offset and full-scale trim potentiometers connected
to the ADS7800 as shown in Figures 10 and 11.
If adjustment of offset and full scale is not required,
connections as shown in Figures 4 and 5 should be used.
CALIBRATION PROCEDURE
First, trim offset, by applying at the input (pin 1 or 2) the
mid-point transition voltage (–2.44mV for the
±10V range,
–1.22mV for the
±5V range.) With the ADS7800 converting
continually, adjust potentiometer R1 until the MSB (D11 on
pin 5) is toggling alternately HIGH and LOW.
Next adjust full scale, by applying at the input a DC input
signal that is 3/2LSB below the nominal full scale voltage
(+9.9927V for the
±10V range, +4.9963V for the ±5V
range.) With the ADS7800 converting continually, adjust
R2 until the LSB (D0 on pin 17) is toggling HIGH and LOW
with all of the other bits HIGH.
LAYOUT CONSIDERATIONS
Because of the high resolution and linearity of the ADS7800,
system design problems such as ground path resistance and
contact resistance become very important.
ANALOG SIGNAL SOURCE IMPEDANCE
The input resistance of the ADS7800 is 6.3k
Ω or 4.2kΩ (for
the
±10V and ±5V ranges respectively.) To avoid introduc-
ing distortion, the source resistance must be very low, or
constant with signal level. The output impedance provided
by most op amps is ideal.
Pins 23 (VSD ) and 24 (VSA ) are not connected internally
on the ADS7800, to maximize accuracy on the chip. They
should be connected together as close as possible to the unit.
R/C
Converter
Mode
BUSY
Data
BUS
tW
Acquire
Convert
Acquire
Convert
Data Valid
Hi-Z State
Data Valid
Hi-Z State
tDBC
tAP
tB
tDBE
tA
tDB
tC
tHDR and tHL
1
2
ADS7800
±5V
Input
FIGURE 4.
±10V Range Without Trims.
1
2
ADS7800
±10V
Input
FIGURE 5.
±5V Range Without Trims.


Similar Part No. - ADS7800AH

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7800AH BURR-BROWN-ADS7800AH Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800AH TI1-ADS7800AH Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800AH-BI TI1-ADS7800AH-BI Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com