Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800BH-BI Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS7800BH-BI
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800BH-BI Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7800BH-BI Datasheet HTML 7Page - Texas Instruments ADS7800BH-BI Datasheet HTML 8Page - Texas Instruments ADS7800BH-BI Datasheet HTML 9Page - Texas Instruments ADS7800BH-BI Datasheet HTML 10Page - Texas Instruments ADS7800BH-BI Datasheet HTML 11Page - Texas Instruments ADS7800BH-BI Datasheet HTML 12Page - Texas Instruments ADS7800BH-BI Datasheet HTML 13Page - Texas Instruments ADS7800BH-BI Datasheet HTML 14Page - Texas Instruments ADS7800BH-BI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ADS7800
11
SBAS001A
www.ti.com
INPUT VOLTAGE RANGE AND LSB VALUES
Input Voltage Range Defined As:
±10V
±5V
Analog Input Connected to Pin
1
2
Pin Connected to GND
21
One Least Significant Bit (LSB)
FSR/212
20V/212
10V/212
4.88mV
2.44mV
OUTPUT TRANSITION VALUES
FFEH to FFFH
+Full Scale
+10V–3/2LSB
+5V–3/2LSB
+9.9927V
+4.9963V
7FFH to 800H
Mid Scale
0V–1/2LSB
0V–1/2LSB
(Bipolar Zero)
–2.44mV
–1.22mV
000H to 001H
–Full Scale
–10V+1/2LSB
–5V+1/2LSB
–9.9976V
–4.9988V
TABLE IV. Input Voltages, Transition Values, and LSB Values.
Next, although the data outputs are forced into a Hi-Z state
during conversion, fast bus transients can still be capaci-
tively coupled into the ADS7800. If the data bus experiences
fast transients during conversion, these transients can be
attenuated by adding a logic buffer to the data outputs. The
BUSY output can be used to enable the buffer.
Naturally, transients on the analog input signal are to be
avoided, especially at times within
±20ns of R/C going
LOW, when they may be trapped as part of the charge on the
capacitor array. This requires careful layout of the circuit in
front of the ADS7800.
Finally, in multiplexed systems, the timing on when the
multiplexer is switched may affect the analog performance
of the system. In most applications, the multiplexer can be
switched as soon as R/C goes LOW (with appropriate
delays), but this may affect the conversion if the switched
signal shows glitches or significant ringing at the ADS7800
input. Whenever possible, it is safer to wait until the
conversion is completed before switching the multiplexer.
The extremely fast acquisition time and conversion time of
the ADS7800 make this practical in many applications.


Similar Part No. - ADS7800BH-BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800BH-BI TI1-ADS7800BH-BI Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800BH-BI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com