Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800JU1KG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS7800JU1KG4
Description  12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800JU1KG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS7800JU1KG4 Datasheet HTML 1Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 2Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 3Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 4Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 5Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 6Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 7Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 8Page - Texas Instruments ADS7800JU1KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADS7800
2
SBAS001A
www.ti.com
SPECIFICATIONS
ELECTRICAL
At TA = TMIN to TMAX, Sampling Frequency, fS, = 333kHz, –VS = –15V, VS = +5V, unless otherwise specified.
ADS7800JP/JU/AH
ADS7800KP/KU/BH
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
*
Bits
ANALOG INPUT
Voltage Ranges
±10V/±5V
*
V
Impedance
±10V Range
4.4
6.3
8.1
*
*
*
k
±5V Range
2.9
4.2
5.4
*
*
*
k
THROUGHPUT SPEED
Conversion Time
Conversion Alone
2.5
2.7
*
*
µs
Complete Cycle
Acquisition + Conversion
2.6
3.0
*
*
µs
Throughput Rate
333
380
*
*
kHz
DC ACCURACY
Full Scale Error(1)
±0.50
±0.35
%
Full Scale Error Drift
6
*
ppm/
°C
Integral Linearity Error
±1
±1/2
LSB(2)
Differential Linearity Error
±1
±3/4
LSB
No Missing Codes
Ensured
Ensured
Bipolar Zero(1)
±4
±2LSB
Bipolar Zero Drift
1
*
ppm/
°C
Power Supply Sensitivity
–16.5V < –VS < –13.5V
±1/2
*
LSB
–12.6V < –VS < –11.4V
±1/2
*
LSB
+4.75V < VS < +5.25V
±1
±1/2
LSB
Transition Noise(3)
0.1
*
LSB
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 47kHz
74
77
77
80
dB (4)
Total Harmonic Distortion
fIN = 47kHz
–77
–74
–80
–77
dB
Two-tone Intermodulation Distortion
fIN1 = 24.4kHz (–6dB)
–77
–74
–80
–77
dB
fIN2 = 28.5kHz (–6dB)
Signal-to-(Noise + Distortion) Ratio
fIN = 47kHz
67
70
69
72
dB
Signal-to-Noise Ratio (SNR)
fIN = 47kHz
68
71
70
73
dB
SAMPLING DYNAMICS
Aperture Delay
13
*
ns
Aperture Jitter
150
*
ps, rms
Transient Response(5)
130
*
ns
Overvoltage Recovery (6)
150
*
ns
INTERNAL REFERENCE VOLTAGE
Voltage
1.9
2.0
2.1
*
*
*
V
Source Current Available
10
*
µA
for External Loads
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
*
*
V
VIH
+2.4
+5.3
*
*
V
IIL
–5
*
µA
IIH
+5
*
µA
DIGITAL OUTPUTS
Data Format
Parallel, 12-bit or 8-bit/4-bit
Data Coding
Binary Offset Binary
VOL
ISINK = 1.6mA
0.0
+0.4
*
*
V
VOH
ISOURCE = 500µA
+2.4
+5.0
*
*
V
ILEAKAGE (High-Z State)
±0.1
±5*
*
µA
POWER SUPPLIES
Rated Voltage
–VS
–11.4
–15
–16.5
*
*
*
V
VS (VSA and VSD)
+4.75
+5.0
+5.25
*
*
*
V
Current
–IS
3.5
6
*
*
mA
IS
18
25
*
*
mA
Power Consumption
135
215
*
*
mW


Similar Part No. - ADS7800JU1KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7800JU BURR-BROWN-ADS7800JU Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800JU TI1-ADS7800JU Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JU/1K TI1-ADS7800JU/1K Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JU/1KE4 TI1-ADS7800JU/1KE4 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800JUE4 TI1-ADS7800JUE4 Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800JU1KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com